Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1966208 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1966208
Description  Printed-circuit board connector - FMC 1,5/13-STF-3,5
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1966208 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1966208 Datasheet HTML 1Page - PHOENIX CONTACT 1966208 Datasheet HTML 2Page - PHOENIX CONTACT 1966208 Datasheet HTML 3Page - PHOENIX CONTACT 1966208 Datasheet HTML 4Page - PHOENIX CONTACT 1966208 Datasheet HTML 5Page - PHOENIX CONTACT 1966208 Datasheet HTML 6Page - PHOENIX CONTACT 1966208 Datasheet HTML 7Page - PHOENIX CONTACT 1966208 Datasheet HTML 8Page - PHOENIX CONTACT 1966208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1966208
09/12/2020   Page 1 / 10
Printed-circuit board connector - FMC 1,5/13-STF-3,5 - 1966208
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross section: 1.5 mm², number of
positions: 13, pitch: 3.5 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Intuitive use through colour coded actuation lever
 Operation and conductor connection from one direction enable integration into front of device
 Screwable flange for superior mechanical stability
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918943394
Technical data
Item properties
Brief article description
Printed-circuit board connector
Plug-in system
MINI COMBICON
Type of contact
Female connector
Range of articles
FMC 1,5/..-STF
Pitch
3.5 mm
Number of positions
13
Connection method
Push-in spring connection
Locking
Screw flange
Number of levels
1
Number of connections
13


Similar Part No. - 1966208

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1966211 PHOENIX-1966211 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/14-STF-3,5
09/12/2020
1966224 PHOENIX-1966224 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/15-STF-3,5
09/12/2020
1966237 PHOENIX-1966237 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/16-STF-3,5
09/12/2020
1966240 PHOENIX-1966240 Datasheet
147Kb / 10P
Printed-circuit board connector - FMC 1,5/17-STF-3,5
09/12/2020
1966253 PHOENIX-1966253 Datasheet
490Kb / 14P
FMC 1,5/18-STF-3,5 - Printed-circuit board connector
More results

Similar Description - 1966208

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1966091 PHOENIX-1966091 Datasheet
168Kb / 12P
Printed-circuit board connector - FMC 1,5/ 2-STF-3,5
1966101 PHOENIX-1966101 Datasheet
165Kb / 12P
Printed-circuit board connector - FMC 1,5/ 3-STF-3,5
09/12/2020
1966211 PHOENIX-1966211 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/14-STF-3,5
09/12/2020
1966224 PHOENIX-1966224 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/15-STF-3,5
09/12/2020
1966237 PHOENIX-1966237 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/16-STF-3,5
09/12/2020
1966240 PHOENIX-1966240 Datasheet
147Kb / 10P
Printed-circuit board connector - FMC 1,5/17-STF-3,5
09/12/2020
1966169 PHOENIX-1966169 Datasheet
489Kb / 14P
Printed-circuit board connector - FMC 1,5/ 9-STF-3,5
Nov 30, 2022
1966143 PHOENIX-1966143 Datasheet
519Kb / 15P
Printed-circuit board connector - FMC 1,5/ 7-STF-3,5
1966253 PHOENIX-1966253 Datasheet
490Kb / 14P
FMC 1,5/18-STF-3,5 - Printed-circuit board connector
1966185 PHOENIX-1966185 Datasheet
523Kb / 16P
FMC 1,5/11-STF-3,5 - Printed-circuit board connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com