Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP485
Description  RS-485 RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP485 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SP485 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Function Tables
The SP485 high speed half-duplex transceiver consists of a driver and receiver with a
1/8 unit load input impedance and up to 256 transceivers on the bus.
RECEIPT
Input
Output
RE
DE
A - B
RO
L
X
≥-0.05V
H
L
X
≤-0.2V
L
L
X
Open/shorted
H
H
H
X
Z
H
L
X
Z
TRANSMISSION
Input
Output
RE
DE
DI
B
A
X
H
H
L
H
X
H
L
H
L
L
L
X
Z
Z
H
L
X
Z
Absolute Maximum Ratings
Unless otherwise specified, Tamb = 25 °C
Parameter
Symbol
Value
Unit
Supply voltage
VDD
-0.3~7
V
Limit input/output voltage
VIN/VOUT
GND- 0.3~VDD+0.3
V
A/B limit input/output voltage VIN A/B/VOUT A/B
-13~13
V
Operating ambient
temperature
Tamb
-40~85
℃
Storage temperature
Tstg
-65~150
℃
SP485
www.leiditech.com
Rev 1.6 :01.01.2022
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com