Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP485
Description  RS-485 RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP485 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SP485 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Advanced-Failsafe, low slew-rate, +15kV ESD protection,
2Mbps rate transmission RS-485 Transceiver SP485
Overview
The SP485 is a high-speed transceiver for half-duplex
communication for RS-485/RS-422 communication that
contains a driver and a receiver.
The SP485 has fail-safe circuit. The low slew rate
driver reduces EMI and back-off due to improper
termination matching cables and achieves
up to
2Mbps Error-free data transmission. With 15kV ESD
protection.
SP485 are rated for industrial (-40 to +85ºC)
operating temperatures. Receivers have exceptionally
high input impedance, which places only 1/8th the
standard load on a shared bus. Up to 256 transceivers
may coexist while preserving full signal margin.
Features
● The I/O pins are protected against electrostatic discharge: ±15kV HBM
All other pins are protected against 3 levels of electrostatic discharge (ESD): ±8kV HBM
● up to 256 devices on the
bus
● +5V operating voltage (+3.3V supply, transmission rate maximum recommended 500Kbps).
● With slope limiting function, the maximum data rate is 2Mbps
● Weak current shutdown mode operating current: 1nA
● Current limiting and thermal shutdown for driver overload protection
● Package: SOP8, DIP8
Application
● Smart Instrumentation
● Industrial process control
● Building automation networks
● Motor control
● EMI sensitive transceiver applications
Ordering information
Type
Package
Packaging
MPQ
SP485
SOP8
Reels
2500PCS
RS-485 RS422 Transceiver
SP485
www.leiditech.com
Rev 1.6 :01.01.2022
1/10


Similar Part No. - SP485

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP485 SIPEX-SP485 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP485 SIPEX-SP485 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485 EXAR-SP485 Datasheet
564Kb / 11P
Low Power Half-Duplex RS-485 Transceivers
SP485 EXAR-SP485 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP485CN SIPEX-SP485CN Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP485

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com