Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP485
Description  RS-485 RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP485 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SP485 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC electrical characteristics
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Driver Output (no
load)
VOD1
5
V
R = 50Ω (RS-422) (1)
2
Differential Driver Output
(with load)
VOD2
R = 27Ω (RS-485) (1)
1.5
5
V
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
∆VOD
R = 27Ω or 50Ω (1)
0.2
V
Driver Common-Mode Output
Voltage
VOC
R = 27Ω or 50Ω (1)
3
V
Change in Magnitude of Driver
Common-Mode Output Voltage
for Complementary Output
States
∆VOC
R = 27Ω or 50Ω (1)
0.2
V
Input High Voltage
VIH1
DE, DI,
RE
2.0
V
Input Low Voltage
VIL1
DE, DI,
RE
0.8
V
Input Current
IIN1
DE, DI,
RE
±2
µA
VIN = 12V
125
Input Current
(A, B)
IIN2
DE = 0V;
VCC = 0V or 5.25V,
VIN = -7V
-75
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤12V
--0.2
-0.05
V
Receiver Input Hysteresis
∆VTH
25
mV
Receiver Output High Voltage
VOH
O
I = -4mA, VID = -50mV
3.5
V
Receiver Output Low Voltage
VOL
O
I = 4mA, VID = -200mV
0.4
V
Three-State (high impedance)
Output Current at Receiver
IOZR
0.4V ≤ VO ≤ 2.4V
±1
µA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V
kΩ
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0.01
0.01
µA
96
IOD1
-7V≤VOUT≤VDD
-250
mA
0V≤VOUT≤12V
250
mA
0V≤VOUT≤VDD
±25
mA
Driver Output Short-Circuit
Current
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
±7
±95
mA
DE = VDD
430
900
DE=GND
375
600
No-Load Supply Current
ICC
µA
µA
No Load
RE=DI=GND or VDD
SP485
www.leiditech.com
Rev 1.6 :01.01.2022
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com