Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM12 Datasheet(PDF) 3 Page - CUI INC

Part # SMM12
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMM12 Datasheet(HTML) 3 Page - CUI INC

  SMM12 Datasheet HTML 1Page - CUI INC SMM12 Datasheet HTML 2Page - CUI INC SMM12 Datasheet HTML 3Page - CUI INC SMM12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 01/21/2021
│ page 3 of 5
CUI Inc
│ SERIES: SMM12 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
57 (L) x 39 (W) x 34 (H)
mm
inlet plug
interchangeable blades (North America, Europe, UK, Australia)
weight
70
g
MECHANICAL DRAWING
units: mm
tolerance: ±1 mm
MODEL NO.
CABLE
CORD LENGTH
SMM12-5
UL2468, 20 AWG
1,500 mm ±50
SMM12-9
UL2468, 20 AWG
1,500 mm ±50
SMM12-12
UL2468, 22 AWG
1,500 mm ±50
SMM12-15
UL2468, 22 AWG
1,500 mm ±50
SMM12-18
UL2468, 24 AWG
1,500 mm ±50
SMM12-24
UL2468, 24 AWG
1,500 mm ±50
Table 1
DC CORD
units: mm
INTERCHANGEABLE BLADES
BLADE
DESIGNATOR
N
E
B
A
REGION
North
America
Europe
UK
Australia
BLADE ACCESSORY
BLACK CASE
SMI-US-5
SMI-EU-5
SMI-UK-5
SMI-AU-5
BLADE ACCESSORY
WHITE CASE
SMI-US-5W
SMI-EU-5W
SMI-UK-5W
SMI-AU-5W
BLADE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com