Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM12 Datasheet(PDF) 1 Page - CUI INC

Part # SMM12
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMM12 Datasheet(HTML) 1 Page - CUI INC

  SMM12 Datasheet HTML 1Page - CUI INC SMM12 Datasheet HTML 2Page - CUI INC SMM12 Datasheet HTML 3Page - CUI INC SMM12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 01/21/2021
page 1 of 5
SERIES: SMM12
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SMM12-5
5
2.4
12
100
VI
SMM12-9
9
1.33
12
135
VI
SMM12-12
12
1.0
12
180
VI
SMM12-15
15
0.8
12
225
VI
SMM12-18
18
0.66
12
270
VI
SMM12-24
24
0.5
12
240
VI
Notes:
1. At full load, 100~240 Vac input, 20 MHz bandwidth oscilloscope, output terminated with a 0.1 µF ceramic and a 47 µF electrolytic capacitor.
FEATURES
• up to 12W continuous power
• universal input (90~264 Vac)
• interchangeable blades
• IEC 60601 certified
• MOPP
• black and white case options
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SMM12 - XX - XX - XXX - CXX
DC Plug Type:
XXX = See output plug options
on page 4 for more details
Output Voltage
Blades:
4 = North America, Europe, United Kingdom,
and Australia blades included
N = North America blade included
E = Europe blade included
B = United Kingdom blade included
A = Australia blade included
K = No blades included
Case color:
B = black
W = white
Additional Resources: Product Page | 3D Model


Similar Part No. - SMM12

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM105NECR00 SUMMIT-SMM105NECR00 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM105NECR01 SUMMIT-SMM105NECR01 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM105NECR04 SUMMIT-SMM105NECR04 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM105NECR05 SUMMIT-SMM105NECR05 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
More results

Similar Description - SMM12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com