Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM12 Datasheet(PDF) 4 Page - CUI INC

Part # SMM12
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMM12 Datasheet(HTML) 4 Page - CUI INC

  SMM12 Datasheet HTML 1Page - CUI INC SMM12 Datasheet HTML 2Page - CUI INC SMM12 Datasheet HTML 3Page - CUI INC SMM12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
cui.com
date 01/21/2021
│ page 4 of 5
CUI Inc
│ SERIES: SMM12 │ DESCRIPTION: AC-DC POWER SUPPLY
C
C
Right Angle (R)
Straight
P5(-)P1(+)
Standard
USB
Micro USB Type B
USB Type C
VBUS: A4,A9,B4,B9
GND: A1,A12,B1,B12
C
Locking
C
Right Angle (R)
Straight
EIAJ
C
DC PLUG TYPE PART NUMBER KEY
X X X
Plug Code:
X = Choose a code from the
options below
Plug Angle:
“blank” = Straight
R = Right Angle
Plug Polarity:
P = Center Positive
N = Center Negative
Plug Polarity
Code
Dimensions (mm)
Plug Angle
Center Pos. Center Neg. Option
Type
A
B
C
Straight
Right
5
Standard
5.5
2.1
9.5
6
Standard
5.5
2.5
9.5
7
Standard
3.5
1.35
9.5
10
Locking
5.5
2.1
9.5
N/A
11
Locking
5.5
2.5
9.5
N/A
12
EIAJ-1
2.35
0.7
9.5
13
EIAJ-2
4.0
1.7
9.5
14
EIAJ-3
4.75
1.7
9.5
N/A
N/A
CUB
USB
USB Type C
N/A
N/A
N/A
MUB
USB
Micro USB Type B
N/A
Note:
1. Contact CUI for additional plug options
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com