Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP604 Datasheet(PDF) 31 Page - Analog Devices

Part # ADCMP604
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP604 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADCMP604 Datasheet HTML 26Page - Analog Devices ADCMP604 Datasheet HTML 27Page - Analog Devices ADCMP604 Datasheet HTML 28Page - Analog Devices ADCMP604 Datasheet HTML 29Page - Analog Devices ADCMP604 Datasheet HTML 30Page - Analog Devices ADCMP604 Datasheet HTML 31Page - Analog Devices ADCMP604 Datasheet HTML 32Page - Analog Devices ADCMP604 Datasheet HTML 33Page - Analog Devices ADCMP604 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LTC6563
31
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
U1-PWRMD
U1-OMUX
CHSEL0
CHSEL1
U2-PWRMD
U2-OMUX
U3-PWRMD
U3-OMUX
U4-PWRMD
U4-OMUX
CH1 CH2
CH4
CH3
CH5 CH6
CH8
CH7
CH9 CH10
CH12
CH11
CH13 CH14
CH16
CH15
TOTAL SHUTDOWN
TOTAL SHUTDOWN
U1 ENABLED
U2 ENABLED
U3 ENABLED
U4 ENABLED
*EXTRA SETUP TIME FOR FASTEST OMUX SWITCHING TIMES.
PWRMD MAY HAVE SAME TIMING AS OMUX.
*
*
*
*
6563 F16
Figure 16. Timing Diagram for OMUX and Channel Control
Figure 17. LTC6563 50Ω Transmission Line Circuit
4.99
4.99
4.99
4.99
4.99
4.99
4pF
4pF
4pF
100
100
0.1µF
6563 F17
AD9094
VCM
VCC
IO CTRL
OFFSET DAC
IO CTRL
HI CTRL
IO CTRL
0.1µF
IN1
IN2
IN3
IN4
CH1
CH2
CH3
CH4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT CLAMPS
LO
HI
BIAS CTRL
CM
CTRL
50
50
+
–
50 TRANSMISSION LINE
50 TRANSMISSION LINE
VCC
200
DIFF
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com