Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP604 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP604
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP604 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP604 Datasheet HTML 5Page - Analog Devices ADCMP604 Datasheet HTML 6Page - Analog Devices ADCMP604 Datasheet HTML 7Page - Analog Devices ADCMP604 Datasheet HTML 8Page - Analog Devices ADCMP604 Datasheet HTML 9Page - Analog Devices ADCMP604 Datasheet HTML 10Page - Analog Devices ADCMP604 Datasheet HTML 11Page - Analog Devices ADCMP604 Datasheet HTML 12Page - Analog Devices ADCMP604 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC6563
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
VOUTDIFF vs IIN Over Temperature
VOUTDIFF vs IIN Over Temperature
RT Transimpedance vs IIN
RT Transimpedance vs IIN
RT Transimpedance vs IIN
RT Transimpedance vs IIN
RT Transimpedance vs IIN
RT Transimpedance vs IIN
RT Transimpedance vs IIN
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–1200
–1000
–800
–600
–400
–200
0
200
400
600
800
TILT = 3.3V
ADJ = 10
6563 G25
125°C
85°C
25°C
–40°C
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
20
25
TILT = 0V
ADJ = 01
6563 G28
125°C
85°C
25°C
–40°C
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
TILT = 3.3V
ADJ = 00
6563 G31
125°C
85°C
25°C
–40°C
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–1.5
–1.0
–0.5
0
0.5
1.0
TILT = 3.3V
ADJ = 11
6563 G26
125°C
85°C
25°C
–40°C
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
20
25
30
35
TILT = 0V
ADJ = 10
6563 G29
125°C
85°C
25°C
–40°C
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
20
25
TILT = 3.3V
ADJ = 01
6563 G32
125°C
85°C
25°C
–40°C
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
TILT = 0V
ADJ = 00
6563 G27
125°C
85°C
25°C
–40°C
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
20
25
30
35
TILT = 0V
ADJ = 11
6563 G30
125°C
85°C
25°C
–40°C
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
20
25
30
35
TILT = 3.3V
ADJ = 10
6563 G33
125°C
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com