Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP604 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP604
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP604 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP604 Datasheet HTML 3Page - Analog Devices ADCMP604 Datasheet HTML 4Page - Analog Devices ADCMP604 Datasheet HTML 5Page - Analog Devices ADCMP604 Datasheet HTML 6Page - Analog Devices ADCMP604 Datasheet HTML 7Page - Analog Devices ADCMP604 Datasheet HTML 8Page - Analog Devices ADCMP604 Datasheet HTML 9Page - Analog Devices ADCMP604 Datasheet HTML 10Page - Analog Devices ADCMP604 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTC6563
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
ICCO vs VCCO Over Temperature
ICCO vs VCCO Over Temperature
ICCO vs VCCO Over Temperature
ICCO vs VCCO Over Temperature
IOFFSET vs VOFFSET
Output Common Mode Control
Output Common Mode Control
Output Common Mode Control
Output Common Mode Control
VCCO (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
10
20
30
OMUX TIED TO LOGIC HI
ADJ = 00
125°C
85°C
25°C
–40°C
6563 G07
VCCO (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
10
20
30
40
OMUX TIED TO LOGIC HI
ADJ = 01
125°C
85°C
25°C
–40°C
6563 G08
VCCO (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
10
20
30
40
50
60
OMUX TIED TO LOGIC HI
ADJ = 10
125°C
85°C
25°C
–40°C
6563 G09
VCCO (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
10
20
30
40
50
60
70
80
OMUX TIED TO LOGIC HI
ADJ = 11
125°C
85°C
25°C
–40°C
6563 G10
DC CANCEL
VOFFSET (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
350
125°C
25°C
–40°C
6563 G11
CM PIN VOLTAGE (V)
0 0.3 0.7 1 1.3 1.7 2.0 2.3 2.7 3
0.4
0.9
1.4
1.9
2.5
OUTBAR AND TERMBAR SHORTED
OUT AND TERM SHORTED
APPLIES TO ANY TILT VALUE
ADJ = 00
125°C
85°C
25°C
–40°C
6563 G12
CM PIN VOLTAGE (V)
0 0.3 0.7 1 1.3 1.7 2.0 2.3 2.7 3
0.5
1.0
1.5
2.0
2.5
OUTBAR AND TERMBAR SHORTED
OUT AND TERM SHORTED
APPLIES TO ANY TILT VALUE
ADJ = 01
125°C
85°C
25°C
–40°C
6563 G13
CM PIN VOLTAGE (V)
0 0.3 0.7 1 1.3 1.7 2.0 2.3 2.7 3
0.5
1.0
1.5
2.0
2.5
OUTBAR AND TERMBAR SHORTED
OUT AND TERM SHORTED
APPLIES TO ANY TILT VALUE
ADJ = 10
125°C
85°C
25°C
–40°C
6563 G14
CM PIN VOLTAGE (V)
0 0.3 0.7 1 1.3 1.7 2.0 2.3 2.7 3
1.0
1.3
1.6
1.9
2.2
2.5
OUTBAR AND TERMBAR SHORTED
OUT AND TERM SHORTED
APPLIES TO ANY TILT VALUE
ADJ = 11
125°C
85°C
25°C
–40°C
6563 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com