Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP665JS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP665JS
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665JS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP665JS Datasheet HTML 1Page - Toshiba Semiconductor TLP665JS Datasheet HTML 2Page - Toshiba Semiconductor TLP665JS Datasheet HTML 3Page - Toshiba Semiconductor TLP665JS Datasheet HTML 4Page - Toshiba Semiconductor TLP665JS Datasheet HTML 5Page - Toshiba Semiconductor TLP665JS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP665J(S)
1
2002-05-24
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP665J(S)
OFFICE MACHINE
HOUSEHOLD USE EQUIPMENT
TRIAC DRIVERSOLID STATE RELAY
TOSHIBA TLP665J(S) consists of a photo-triac optically coupled to
a gallium arsenide infrared emitting diode in a six lead plastic DIP
package.
· Peak Off-State Voltage
: 600V(Min)
· Trigger LED Current
: 10mA(Max)
· On-State Current
: 100mA(Max)
· Isolation Voltage
: 5000Vrms(Min)
· UL Recognized
: UL1577,File No.E67349
· SEMKO Approved
: SS EN60065, File No.9841102
SS EN60950, File No.9841102
· BSI Approved
: BS EN60065, File No.8385
BS EN60950, File No.8386
· Option(D4)type
VDE Approved
: DIN VDE0884
Certificate No.101399
Maximum Operating Insulation Voltage
: 890VPK
Highest Permissible Over Voltage
:8000 VPK
(Note)When a VDE0884 approved type is needed,
(Note)When a VDE0884 approved type is needed,
(Note)When a VDE0884 approved type is needed,
(Note)When a VDE0884 approved type is needed,
please designate the
please designate the
please designate the
please designate the ““““Option(D4)
Option(D4)
Option(D4)
Option(D4)””””
•Construction Mechanical Rating
7.62 mm pich
standard type
10.16 mm pich
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (Min)
7.0 mm (Min)
0.5 mm (Min)
8.0 mm (Min)
8.0 mm (Min)
0.5 mm (Min)
PIN CONFIGURATION (TOP VIEW)
1: ANODE
2: CATHODE
3: N.C.
4:TERMINAL1
6:TERMINAL2
1
2
3
4
6
JEDEC
TOSHIBA
11-7A9
Weight: 0.39 g
単位
: mm


Similar Part No. - TLP665JS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP665JS TOSHIBA-TLP665JS Datasheet
220Kb / 6P
Household Use Equipment
More results

Similar Description - TLP665JS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com