Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 12Page - NXP Semiconductors PCF8545 Datasheet HTML 13Page - NXP Semiconductors PCF8545 Datasheet HTML 14Page - NXP Semiconductors PCF8545 Datasheet HTML 15Page - NXP Semiconductors PCF8545 Datasheet HTML 16Page - NXP Semiconductors PCF8545 Datasheet HTML 17Page - NXP Semiconductors PCF8545 Datasheet HTML 18Page - NXP Semiconductors PCF8545 Datasheet HTML 19Page - NXP Semiconductors PCF8545 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
7.1.8 Command: load-data-pointer
The load-data-pointer command defines the start address of the display RAM. The
data pointer is auto incremented after each RAM write. The size of the display RAM is
dependent on the current multiplex drive mode setting, see Table 18.
Bit
Symbol
Value
Description
7 to 6
-
10
fixed value
Multiplex drive mode 1:8
5 to 0
DP[5:0]
00 0000[1] to
10 0111
6-bit binary value of 0 to 39
Multiplex drive mode 1:6
5 to 0
DP[5:0]
00 0000[1] to
10 1001
6-bit binary value of 0 to 41
Multiplex drive mode 1:4
5 to 0
DP[5:0]
00 0000[1] to
10 1011
6-bit binary value of 0 to 43
Table 18. Load-data-pointer - load data pointer command bit description
[1]
Default value.
Remark: Data pointer values outside of the valid range are ignored and no RAM content
is transferred until a valid data pointer value is set.
Filling of the display RAM is described in Section 7.9.
7.1.9 Command: write-RAM-data
This command initiates the transfer of data to the display RAM. Data is written into
the address defined by the load-data-pointer command. RAM filling is described in
Section 7.9.
Bit
Symbol
Value
Description
7 to 0
D[7:0]
0000 0000 to
1111 1111
writing data byte-wise to RAM
Table 19. Write-RAM-data - write RAM data command bit description[1]
[1]
For this command to be effective bit RS[1:0] of the control byte has to be set logic 01, see Table 24page 36.
7.2 Start-up and shut-down
7.2.1 Reset and Power-On Reset (POR)
After a reset and at power-on the PCF8545 resets to starting conditions as follows:
1. The display is disabled.
2. All backplane outputs are set to VSS.
3. All segment outputs are set to VSS.
4. Selected drive mode is: 1:8 with 1⁄4 bias.
5. The data pointers are cleared (set logic 0).
6. RAM data is not initialized. Its content can be considered to be random.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
16 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com