Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 40Page - NXP Semiconductors PCF8545 Datasheet HTML 41Page - NXP Semiconductors PCF8545 Datasheet HTML 42Page - NXP Semiconductors PCF8545 Datasheet HTML 43Page - NXP Semiconductors PCF8545 Datasheet HTML 44Page - NXP Semiconductors PCF8545 Datasheet HTML 45Page - NXP Semiconductors PCF8545 Datasheet HTML 46Page - NXP Semiconductors PCF8545 Datasheet HTML 47Page - NXP Semiconductors PCF8545 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
12 Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 5.5 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
VLCD ≥ VDD
2.5
-
5.5
V
IDD(pd)
power-down mode supply current
[1] -
0.5
2
μA
see Figure 37
external 9.6 kHz clock
[2] -
10
25
μA
internal oscillator
[2] -
30
60
μA
IDD
supply current
power-down, see
Figure 38
[1][3] -
7
15
μA
IDD(LCD)
LCD supply current
display active, see
Figure 39
[4] -
55
140
μA
Logic
VI
input voltage
VSS - 0.5
-
VDD + 0.5 V
VIL
LOW-level input voltage
on pins OSCCLK,
A0 and RESET
-
-
0.3VDD
V
VIH
HIGH-level input voltage
on pins OSCCLK,
A0 and RESET
0.7VDD
-
-
V
VO
output voltage
-0.5
-
VDD + 0.5 V
VOH
HIGH-level output voltage
driving load of 50 μA
on pins OSCCLK
0.8VDD
-
-
V
VOL
LOW-level output voltage
driving load of 50 μA
on pins OSCCLK
-
-
0.2VDD
V
IOH
HIGH-level output current
output source current;
VOH = VDD - 0.4 V
on pin OSCCLK
VDD = 1.8 V
0.7
1.6
-
mA
VDD ≥ 3.3 V
1.5
4.0
-
mA
IOL
LOW-level output current
output sink current;
VOL = 0.4 V
on pin OSCCLK
VDD = 1.8 V
3
4
-
mA
VDD ≥ 3.3 V
5
10
-
mA
IL
leakage current
Vi = VDD or VSS; on
pin OSCCLK
-1
-
+1
μA
I2C-bus[5]
On pins SCL and SDA
Table 32. Static characteristics
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
44 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com