Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 5Page - NXP Semiconductors PCF8545 Datasheet HTML 6Page - NXP Semiconductors PCF8545 Datasheet HTML 7Page - NXP Semiconductors PCF8545 Datasheet HTML 8Page - NXP Semiconductors PCF8545 Datasheet HTML 9Page - NXP Semiconductors PCF8545 Datasheet HTML 10Page - NXP Semiconductors PCF8545 Datasheet HTML 11Page - NXP Semiconductors PCF8545 Datasheet HTML 12Page - NXP Semiconductors PCF8545 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
PCF8545 to the other. Backplane swapping is sometimes desirable to aid with the routing
of PCBs that do not use multiple layers.
The BPS bit has to be set to the required value before enabling the display. Failure to do
so does not damage the PCF8545 or the display, however unexpected display content
may appear.
BP0
BP1
BP2
BP3
BP4/S43
BP5/S42
BP6/S41
S39
BP7/S40
S38
S20
S37
S21
S36
S22
S35
S23
S34
S24
S33
S25
S32
S26
S31
S27
S30
S28
S29
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
39
38
37
36
35
34
33
32
31
30
29
S32
S33
S34
S35
S36
S37
S38
BP0
S39
BP1
S20
BP2
S21
BP3
S22
BP4/S43
S23
BP5/S42
S24
BP6/S41
S25
BP7/S40
S26
S31
S27
S30
S28
S29
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
39
38
37
36
35
34
33
32
31
30
29
BPS = 0
BPS = 1
013aaa432
Figure 5. Effect of backplane swapping
7.1.3.2 Line inversion (driving scheme A) and frame inversion (driving scheme B)
The DC offset of the voltage across the LCD is compensated over a certain period: line-
wise in line inversion mode (driving scheme A) or frame-wise in frame inversion mode
(driving scheme B). With the INV bit (see Table 7), the compensation mode can be
switched.
In frame inversion mode, the DC value is compensated across two frames and not
within one frame. Changing the inversion mode to frame inversion reduces the power
consumption; therefore it is useful when power consumption is a key point in the
application.
Frame inversion may not be suitable for all applications. The RMS voltage across a
segment is better defined; however, since the switching frequency is reduced, there is
possibility for flicker to occur.
The waveforms of Figure 14 to Figure 17 are showing line inversion mode. Figure 18
shows an example of frame inversion.
7.1.3.3 Power-down mode
The power-down bit (PD) allows the PCF8545 to be put in a minimum power
configuration. To avoid display artifacts, enter power-down only after the display has
been switched off by setting bit E to logic 0. During power-down, the internal oscillator is
switched off.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
9 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com