Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7124-4TRUZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Enhanced Product
AD7124-4-EP
Rev. 0 | Page 11 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
SCLK
CLK
CS
DGND
IOVDD
REGCAPD
DIN
SYNC
AVDD
PSW
REFOUT
AVSS
REGCAPA
AIN0/IOUT/VBIAS
AIN1/IOUT/VBIAS
REFIN1(+)
AIN3/IOUT/VBIAS/P2
AIN2/IOUT/VBIAS/P1
AIN7/IOUT/VBIAS/REFIN2(–)
AIN6/IOUT/VBIAS/REFIN2(+)
REFIN1(–)
AIN4/IOUT/VBIAS
AIN5/IOUT/VBIAS
DOUT/RDY
AD7124-4-EP
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in the input shift register is transferred to
the control registers within the ADC, with the register selection bits of the communications register
identifying the appropriate register.
2
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK pin has a Schmitt-
triggered input, making the interface suitable for opto-isolated applications. The serial clock can be continuous
with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous clock
with the information being transmitted to or from the ADC in smaller batches of data.
3
CLK
Clock Input/Clock Output. The internal clock can be made available at this pin. Alternatively, the internal
clock can be disabled, and the ADC can be driven by an external clock. This allows several ADCs to be
driven from a common clock, allowing simultaneous conversions to be performed.
4
CS
Chip Select Input. This is an active low logic input that selects the ADC. Use CS to select the ADC in systems
with more than one device on the serial bus or as a frame synchronization signal in communicating with the
device. CS can be hardwired low if the serial peripheral interface (SPI) diagnostics are unused, allowing the
ADC to operate in 3-wire mode with SCLK, DIN, and DOUT interfacing with the device.
5
REGCAPD
Digital LDO Regulator Output. Decouple this pin to DGND with a 0.1 μF capacitor.
6
IOVDD
Serial Interface Supply Voltage, 1.65 V to 3.6 V. IOVDD is independent of AVDD. Therefore, the serial
interface can operate at 1.65 V with AVDD at 3.6 V, for example.
7
DGND
Digital Ground Reference Point.
8
AIN0/IOUT/VBIAS
Analog Input 0/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured via
the configuration registers to be the positive or negative terminal of a differential or pseudo differential
input. Alternatively, the internal programmable excitation current source can be made available at this pin.
Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power
supply rails can be generated at this pin.
9
AIN1/IOUT/VBIAS
Analog Input 1/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured via
the configuration registers to be the positive or negative terminal of a differential or pseudo differential
input. Alternatively, the internal programmable excitation current source can be made available at this pin.
Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power
supply rails can be generated at this pin.
10
AIN2/IOUT/VBIAS/P1
Analog Input 2/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 1. This
input pin is configured via the configuration registers to be the positive or negative terminal of a
differential or pseudo differential input. Alternatively, the internal programmable excitation current source
can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin. This pin can also be configured
as a general-purpose output bit, referenced between AVSS and AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com