Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7124-4TRUZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AD7124-4-EP
Enhanced Product
Rev. 0 | Page 12 of 17
Pin No.
Mnemonic
Description
11
AIN3/IOUT/VBIAS/P2
Analog Input 3/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 2. This
input pin is configured via the configuration registers to be the positive or negative terminal of a
differential or pseudo differential input. Alternatively, the internal programmable excitation current source
can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin. This pin can also be configured
as a general-purpose output bit, referenced between AVSS and AVDD.
12
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−).
REFIN1(+) can be anywhere between AVDD and AVSS + 0.5 V. The nominal reference voltage (REFIN1(+) −
REFIN1(−)) is 2.5 V, but the device functions with a reference from 0.5 V to AVDD.
13
REFIN1(−)
Negative Reference Input. This reference input can be anywhere between AVSS and
AVDD – 0.5 V.
14
AIN4/IOUT/VBIAS
Analog Input 4/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured via the
configuration registers to be the positive or negative terminal of a differential or pseudo differential input.
Alternatively, the internal programmable excitation current source can be made available at this pin. Either
IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power supply
rails can be generated at this pin.
15
AIN5/IOUT/VBIAS
Analog Input 5/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured via the
configuration registers to be the positive or negative terminal of a differential or pseudo differential input.
Alternatively, the internal programmable excitation current source can be made available at this pin. Either
IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power supply
rails can be generated at this pin.
16
AIN6/IOUT/VBIAS/
REFIN2(+)
Analog Input 6/Output of Internal Excitation Current Source/Bias Voltage/Positive Reference Input. This
input pin is configured via the configuration registers to be the positive or negative terminal of a differential or
pseudo differential input. Alternatively, the internal programmable excitation current source can be made
available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between
the analog power supply rails can be generated at this pin. This pin also functions as a positive reference
input for REFIN2(±). REFIN2(+) can be anywhere between AVDD and AVSS + 0.5 V. The nominal reference
voltage (REFIN2(+) to REFIN2(−)) is 2.5 V, but the device functions with a reference from 0.5 V to AVDD.
17
AIN7/IOUT/VBIAS/
REFIN2(−)
Analog Input 7/Output of Internal Excitation Current Source/Bias Voltage/Negative Reference Input. This
input pin is configured via the configuration registers to be the positive or negative terminal of a differential or
pseudo differential input. Alternatively, the internal programmable excitation current source can be made
available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between
the analog power supply rails can be generated at this pin. This pin also functions as the negative reference
input for REFIN2(±). This reference input can be anywhere between AVSS and AVDD – 0.5 V.
18
REFOUT
Internal Reference Output. The buffered output of the internal 2.5 V voltage reference is available on this pin.
19
AVSS
Analog Supply Voltage. The voltage on AVDD is referenced to AVSS. The differential between AVDD and AVSS
must be between 2.7 V and 3.6 V in mid or low power mode and between 2.9 V and 3.6 V in full power
mode. AVSS can be taken below 0 V to provide a dual power supply to the AD7124-4-EP. For example, AVSS
can be tied to −1.8 V and AVDD can be tied to +1.8 V, providing a ±1.8 V supply to the ADC.
20
REGCAPA
Analog LDO Regulator Output. Decouple this pin to AVSS with a 0.1 μF capacitor.
21
PSW
Low-Side Power Switch to AVSS.
22
AVDD
Analog Supply Voltage, Relative to AVSS.
23
SYNC
Synchronization Input. This pin is a logic input that allows synchronization of the digital filters and analog
modulators when using a number of AD7124-4-EP devices. When SYNC is low, the nodes of the digital
filter, the filter control logic, and the calibration control logic are reset, and the analog modulator is held
in a reset state. SYNC does not affect the digital interface but does reset RDY to a high state if it is low.
24
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY functions as a serial data output pin to access the
output shift register of the ADC. The output shift register can contain data from any of the on-chip data
or control registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate the completion
of a conversion. If the data is not read after the conversion, the pin goes high before the next update
occurs. The DOUT/RDY falling edge can also be used as an interrupt to a processor, indicating that valid
data is available. With an external serial clock, the data can be read using the DOUT/RDY pin. When CS is
low, the data/control word information is placed on the DOUT/RDY pin on the SCLK falling edge and is
valid on the SCLK rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com