Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD7124-4-EP
Enhanced Product
Rev. 0 | Page 14 of 17
–60
–40
–20
0
20
40
60
–55 –40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
15 UNITS
Figure 9. Input Referred Offset Error vs. Temperature (Gain = 1, Analog Input
Buffers Enabled)
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
–55 –40 –25 –10
5
2035
50658095
110 125
TEMPERATURE (°C)
15 UNITS
Figure 10. Input Referred Gain Error vs. Temperature (Gain = 1)
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
–55 –40 –25 –10
5
2035
50658095
110 125
TEMPERATURE (°C)
15 UNITS
Figure 11. Input Referred Gain Error vs. Temperature (Gain = 8)
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
–55 –40 –25 –10
5
2035
50658095
110 125
TEMPERATURE (°C)
15 UNITS
Figure 12. Input Referred Gain Error vs. Temperature (Gain = 16)
–55 –40 –25 –10
5
2035
50658095
110 125
TEMPERATURE (°C)
15 UNITS
2.4965
2.4970
2.4975
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
Figure 13. Internal Reference Voltage vs. Temperature
–55 –40 –25 –10
5
203550658095
110 125
TEMPERATURE (°C)
15 UNITS
470
475
480
485
490
495
500
505
510
Figure 14. Excitation Current Drift (500 μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com