Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBART0200K Datasheet(PDF) 2 Page - Schneider Electric

Part # STBART0200K
Description  standard analog input kit STB - 2 I - 15 bits sign
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

STBART0200K Datasheet(HTML) 2 Page - Schneider Electric

  STBART0200K Datasheet HTML 1Page - Schneider Electric STBART0200K Datasheet HTML 2Page - Schneider Electric STBART0200K Datasheet HTML 3Page - Schneider Electric STBART0200K Datasheet HTML 4Page - Schneider Electric STBART0200K Datasheet HTML 5Page - Schneider Electric STBART0200K Datasheet HTML 6Page - Schneider Electric STBART0200K Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Addressing requirement
1 word for cold-junction compensation
2 input words
Product compatibility
Mounting base STBXBA1000
Power distribution module STBPDT3100/3105
[Us] rated supply voltage
24 V DC
Supply
Power distribution module
Current consumption
30 mA at 5 V DC for logic bus
Measurement resolution
0.01 mV voltage
0.1 °C or 0.1 °F temperature probe
0.1 °C or 0.1 °F thermocouple
Conversion time
150 ms voltage 60 Hz
170 ms voltage 50 Hz
180 ms temperature probe 60 Hz 2 or 4 wires
200 ms temperature probe 50 Hz 2 or 4 wires
210 ms thermocouple with internal cold-junction compensation 60 Hz
230 ms thermocouple with internal cold-junction compensation 50 Hz
300 ms temperature probe 60 Hz 3 wires
340 ms temperature probe 50 Hz 3 wires
360 ms thermocouple with external cold-junction compensation 60 Hz
400 ms thermocouple with external cold-junction compensation 50 Hz
Maximum wiring resistance
20 Ohm Cu 10 IEC/US/JIS 2 or 3 wires
20 Ohm Ni 100 IEC/US/JIS 2 or 3 wires
20 Ohm Pt 100 IEC/US/JIS 2 or 3 wires
200 Ohm Ni 1000 IEC/US/JIS 2 or 3 wires
200 Ohm Pt 1000 IEC/US/JIS 2 or 3 wires
50 Ohm Cu 10 IEC/US/JIS 4 wires
50 Ohm Ni 100 IEC/US/JIS 4 wires
50 Ohm Pt 100 IEC/US/JIS 4 wires
500 Ohm Ni 1000 IEC/US/JIS 4 wires
500 Ohm Pt 1000 IEC/US/JIS 4 wires
Measurement accuracy
+/- 1 °C Ni 100 25 °C external
+/- 1 °C Ni 100 25 °C internal
+/- 1 °C Ni 1000 25 °C external
+/- 1 °C Ni 1000 25 °C internal
+/- 1 °C Pt 100 25 °C internal
+/- 1 °C Pt 1000 25 °C internal
+/- 1.75 °C thermocouple B with external cold-junction compensation 25 °C
+/- 1.75 °C thermocouple E with external cold-junction compensation 25 °C
+/- 1.75 °C thermocouple J with external cold-junction compensation 25 °C
+/- 1.75 °C thermocouple K with external cold-junction compensation 25 °C
+/- 1.75 °C thermocouple R with external cold-junction compensation 25 °C
+/- 1.75 °C thermocouple S with external cold-junction compensation 25 °C
+/- 1.75 °C thermocouple T with external cold-junction compensation 25 °C
+/- 2 °C Pt 100 25 °C external
+/- 2 °C Pt 1000 25 °C external
+/- 2.85 °C thermocouple B with external cold-junction compensation 60 °C
+/- 2.85 °C thermocouple E with external cold-junction compensation 60 °C
+/- 2.85 °C thermocouple J with external cold-junction compensation 60 °C
+/- 2.85 °C thermocouple K with external cold-junction compensation 60 °C
+/- 2.85 °C thermocouple R with external cold-junction compensation 60 °C
+/- 2.85 °C thermocouple S with external cold-junction compensation 60 °C
+/- 2.85 °C thermocouple T with external cold-junction compensation 60 °C
+/- 3.6 °C thermocouple R with internal cold-junction compensation 25 °C
+/- 4 °C Cu 10 25 °C external
+/- 4 °C Cu 10 25 °C internal
+/- 4 °C thermocouple K with internal cold-junction compensation 25 °C
+/- 4.1 °C thermocouple S with internal cold-junction compensation 25 °C
+/- 4.2 °C thermocouple R with internal cold-junction compensation 60 °C
+/- 4.4 °C thermocouple T with internal cold-junction compensation 25 °C
+/- 4.6 °C thermocouple B with internal cold-junction compensation 25 °C
+/- 4.6 °C thermocouple E with internal cold-junction compensation 25 °C
+/- 5 °C thermocouple S with internal cold-junction compensation 60 °C
+/- 5.1 °C thermocouple J with internal cold-junction compensation 25 °C
+/- 5.5 °C thermocouple K with internal cold-junction compensation 60 °C
+/- 6.4 °C thermocouple T with internal cold-junction compensation 60 °C
+/- 6.8 °C thermocouple B with internal cold-junction compensation 60 °C
+/- 6.8 °C thermocouple E with internal cold-junction compensation 60 °C
+/- 7 °C thermocouple J with internal cold-junction compensation 60 °C
Marking
CE
Overvoltage category
II
Status LED
1 LED (green)module status (RDY)
1 LED (red)module error (ERR)
Environment
Product certifications
UL
FM Class 1 Division 2
CSA
ATEX Cat 3G
2
Apr 7, 2022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com