Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBART0200K Datasheet(PDF) 3 Page - Schneider Electric

Part # STBART0200K
Description  standard analog input kit STB - 2 I - 15 bits sign
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

STBART0200K Datasheet(HTML) 3 Page - Schneider Electric

  STBART0200K Datasheet HTML 1Page - Schneider Electric STBART0200K Datasheet HTML 2Page - Schneider Electric STBART0200K Datasheet HTML 3Page - Schneider Electric STBART0200K Datasheet HTML 4Page - Schneider Electric STBART0200K Datasheet HTML 5Page - Schneider Electric STBART0200K Datasheet HTML 6Page - Schneider Electric STBART0200K Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
C-Tick
Pollution degree
2 conforming to IEC 60664-1
Operating altitude
<= 2000 m
IP degree of protection
IP20 conforming to EN 61131-2 class 1
Ambient air temperature for
operation
0…70 °C
Ambient air temperature for
operation
32...140 °F without derating
Ambient air temperature for
storage
-40…85 °C without derating
Ambient air temperature for
storage
-40...185 °F without derating
Relative humidity
95 % at 60 °C without condensation
Vibration resistance
+/-0.35 mm at 10…58 Hz
3 gn at 58…150 Hz on 35 x 7.5 mm symmetrical DIN rail
5 gn at 58…150 Hz on 35 x 15 mm symmetrical DIN rail
Shock resistance
30 gn for 11 ms conforming to IEC 88 reference 2-27
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
136.0 g
Package 1 Height
2.5 cm
Package 1 width
8 cm
Package 1 Length
13 cm
Unit Type of Package 2
S02
Number of Units in Package 2
42
Package 2 Weight
6.1 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
Apr 7, 2022
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com