Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBART0200K Datasheet(PDF) 1 Page - Schneider Electric

Part # STBART0200K
Description  standard analog input kit STB - 2 I - 15 bits sign
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

STBART0200K Datasheet(HTML) 1 Page - Schneider Electric

  STBART0200K Datasheet HTML 1Page - Schneider Electric STBART0200K Datasheet HTML 2Page - Schneider Electric STBART0200K Datasheet HTML 3Page - Schneider Electric STBART0200K Datasheet HTML 4Page - Schneider Electric STBART0200K Datasheet HTML 5Page - Schneider Electric STBART0200K Datasheet HTML 6Page - Schneider Electric STBART0200K Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
standard analog input kit STB - 2 I -
15 bits + sign
STBART0200K
Main
Range of product
Modicon STB distributed I/O solution
Product or component type
Standard analog input kit
Kit composition
STBART0200 module
STBXTS1100, 6-terminal screw type connector
STBXBA1000 base
STBXTS2100, 6-terminal spring clamp connector
Analogue input type
Voltage +/- 80 mV
Temperature probe -100...+260 °C Cu 10 2, 3 or 4 wires IEC
Temperature probe -100...+450 °C Pt 100 2, 3 or 4 wires US/JIS
Temperature probe -100...+450 °C Pt 1000 2, 3 or 4 wires US/JIS
Temperature probe -200...+850 °C Pt 100 2, 3 or 4 wires IEC
Temperature probe -200...+850 °C Pt 1000 2, 3 or 4 wires IEC
Temperature probe -60...+180 °C Ni 100 2, 3 or 4 wires IEC
Temperature probe -60...+180 °C Ni 1000 2, 3 or 4 wires IEC
Thermocouple +130...+1820 °C thermocouple B
Thermocouple -200...+760 °C thermocouple J
Thermocouple -270...+1000 °C thermocouple E
Thermocouple -270...+1370 °C thermocouple K
Thermocouple -270...+400 °C thermocouple T
Thermocouple -50...+1665 °C thermocouple R
Thermocouple -50...+1665 °C thermocouple S
Analogue input number
2
Analogue input resolution
15 bits + sign
Type of filter
Single low pass input filter 25 Hz
Complementary
Absolute maximum input
+/- 7.5 V DC
Cold swapping
Yes
Hot swapping fallback
Yes for standard NIMs
Fallback status
State 0 basic NIMs
User configurable standard NIMs
Data format
EN 61131-2
IEC 61131-2
Input impedance
10 MOhm +/- 80 mV
Maximum supply current for
sensors
100 mA per input channels
Protection type
Short-circuit protection
Absolute accuracy error
+/- 0.1 % of full scale 25 °C internal
+/- 0.15 % of full scale 25 °C external
Insulation between channels
and logic bus
1500 V for 1 minute
 
Apr 7, 2022
1


Similar Part No. - STBART0200K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBACI0320K SCHNEIDER-STBACI0320K Datasheet
130Kb / 5P
standard analog input kit STB - 4..20 mA - 4 I - 15 bits sign
Apr 8, 2022
STBACI1225K SCHNEIDER-STBACI1225K Datasheet
134Kb / 5P
basic analog input kit STB - 4..20 mA - 2 I - 10 bits
Apr 8, 2022
STBACI1230K SCHNEIDER-STBACI1230K Datasheet
138Kb / 5P
standard analog input kit STB - 0..20 mA - 2 I - 12 bits
Apr 8, 2022
STBACI1400K SCHNEIDER-STBACI1400K Datasheet
119Kb / 4P
standard analog input kit STB - 4..20 mA - 8 I - 15 bits sign
Aug 11, 2019
STBACI1400K SCHNEIDER-STBACI1400K_V01 Datasheet
139Kb / 5P
standard analog input kit STB - 4..20 mA - 8 I - 15 bits sign
Apr 7, 2022
More results

Similar Description - STBART0200K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBACI1400K SCHNEIDER-STBACI1400K Datasheet
119Kb / 4P
standard analog input kit STB - 4..20 mA - 8 I - 15 bits sign
Aug 11, 2019
STBACI0320K SCHNEIDER-STBACI0320K Datasheet
130Kb / 5P
standard analog input kit STB - 4..20 mA - 4 I - 15 bits sign
Apr 8, 2022
STBACI1230K SCHNEIDER-STBACI1230K Datasheet
138Kb / 5P
standard analog input kit STB - 0..20 mA - 2 I - 12 bits
Apr 8, 2022
STBACI1400K SCHNEIDER-STBACI1400K_V01 Datasheet
139Kb / 5P
standard analog input kit STB - 4..20 mA - 8 I - 15 bits sign
Apr 7, 2022
STBACI8320K SCHNEIDER-STBACI8320K Datasheet
134Kb / 5P
standard analog input kit STB - 4..20 mA - 4 I - 15 bits sign
Apr 8, 2022
STBACO0220K SCHNEIDER-STBACO0220K Datasheet
145Kb / 5P
standard analog output kit STB - 4..20 mA - 2 O - 15 bits sign
Apr 7, 2022
STBACO8220K SCHNEIDER-STBACO8220K Datasheet
139Kb / 5P
standard analog output HART kit STB - 4..20 mA - 2 O - 15 bits sign
Apr 8, 2022
STBAVI0300K SCHNEIDER-STBAVI0300K Datasheet
153Kb / 5P
standard analog input kit STB - /- 10 V - 4 I - 15 bits sign
Apr 7, 2022
STBAVI1270K SCHNEIDER-STBAVI1270K Datasheet
135Kb / 5P
standard analog input kit - Modicon STB - /- 10 V - 2 I -11 bits sign
Apr 8, 2022
STBAVO0200K SCHNEIDER-STBAVO0200K Datasheet
143Kb / 5P
standard analog output kit STB - /- 10 V - 2 O - 15 bits sign
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com