Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8202W-KGD-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8202W-KGD-R7
Description  High Voltage, Precision Difference Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202W-KGD-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8202W-KGD-R7 Datasheet HTML 1Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 2Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 3Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 4Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 5Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 6Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 7Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Known Good Die
AD8202-KGD
Rev. 0 | Page 3 of 8
SPECIFICATIONS
TOPR = −40°C to +150°C, TA = 25°C, VS = 5 V.
Table 1.
Parameter
Test Conditions
Min
Typ
Max
Unit
SYSTEM GAIN
Initial
20
V/V
Error
0.02 V ≤ VOUT ≤ 4.8, dc @ TA
±0.3
%
vs. Temperature
TOPR
0
+30
ppm/°C
VOLTAGE OFFSET
Initial Offset (Referred to Input [RTI])
VCM = 0.15 V, TA
±1
mV
vs. Temperature
T = −40°C to +125°C
±10
µV/°C
TOPR
±15
µV/°C
INPUT
Input Impedance
Differential
260
325
390
kΩ
Common Mode
135
170
205
kΩ
Input Common-Mode Voltage (VCM),
Continuous
−8
+28
V
CMRR1
VCM = −8 V to +28 V
f = dc
82
dB
f = 1 kHz
82
dB
f = 10 kHz2
80
dB
PREAMPLIFIER (A1)
Gain
10
V/V
Gain Error
0.02 V ≤ VOUT ≤ (VS − 0.2 V), dc, TOPR
±0.3
%
Output Voltage Range
0.02
4.8
V
Output Resistance
97
100
103
kΩ
OUTPUT BUFFER (A2)
Gain
2
V/V
Gain Error
0.02 V ≤ VOUT ≤ 4.8 V dc
±0.3
%
Output Voltage Range
0.02
4.8
V
Input Bias Current
40
nA
Output Resistance
2
Ω
DYNAMIC RESPONSE
System Bandwidth
VIN = 0.1 V p-p, VOUT = 2.0 V p-p
30
50
kHz
Slew Rate
VIN = 0.2 V dc, VOUT = 4 V step
0.28
V/µs
NOISE
0.1 Hz to 10 Hz
10
µV p-p
Spectral Density, 1 kHz (RTI)
275
nV/√Hz
POWER SUPPLY
Operating Range
3.5
12
V
Quiescent Current vs. Temperature
VOUT = 0.1 V dc
0.25
1.0
mA
PSRR
VS = 3.5 V to 12 V
75
83
dB
TEMPERATURE RANGE
For specified performance at TOPR
−40
+150
°C
1
Source imbalance < 2 Ω.
2
The AD8202-KGD preamplifier exceeds 80 dB CMRR at 10 kHz. However, because the output is available only by way of the 100 kΩ resistor, even a small amount of
pin-to-pin capacitance between the IN pins and the A1 and A2 pins might couple an input common-mode signal larger than the greatly attenuated preamplifier
output. The effect of pin-to-pin coupling can be negated in all applications by using a filter capacitor from Pin 3 to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com