Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8202W-KGD-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8202W-KGD-R7
Description  High Voltage, Precision Difference Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202W-KGD-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8202W-KGD-R7 Datasheet HTML 1Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 2Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 3Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 4Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 5Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 6Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 7Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Voltage,
Precision Difference Amplifier
Known Good Die
AD8202-KGD
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Qualified for automotive applications
High common-mode voltage range
−8 V to +28 V operating at 5 V supply
Buffered output voltage
Gain = 20 V/V
Low-pass filter (1-pole or 2-pole)
Excellent ac and dc performance
±1 mV voltage offset
1 ppm/°C typical gain drift
80 dB CMRR minimum dc to 10 kHz
Known good die (KGD): these die are fully
guaranteed to data sheet specifications
APPLICATIONS
High-side current sensing
Motor controls
Solenoid controls
Power management
Low-side current sensing
Diagnostic protection
FUNCTIONAL BLOCK DIAGRAM
OUT
+IN
–IN
GND
+VS
+
–
AD8202-KGD
G = 2
G = 10
A1
A2
+
–
Figure 1.
GENERAL DESCRIPTION
The AD8202-KGD is a single-supply difference amplifier ideal
for amplifying and low-pass filtering small differential voltages
in the presence of a large common-mode voltage. The input
common-mode voltage range extends from −8 V to +28 V at a
single +5 V supply. The AD8202-KGD is qualified for automotive
applications.
Automotive applications demand robust, precision components
for improved system control. The AD8202-KGD provides excellent
ac and dc performance, minimizing errors in the application.
Typical offset and gain drift are 5 µV/°C and 1 ppm/°C respect-
tively. The device also delivers a minimum CMRR of 80 dB from
dc to 10 kHz.
The AD8202-KGD features an externally accessible 100 kΩ resistor
at the output of the preamplifier (A1), which can be used for low-
pass filtering and for establishing gains other than 20.
Additional application and technical information can be found
in the AD8202 data sheet.


Similar Part No. - AD8202W-KGD-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202 Datasheet
269Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
7/04-Revision 0
AD8202 AD-AD8202 Datasheet
337Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8202 AD-AD8202 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
logo
Aavid, Thermal Division...
AD8202 AAVID-AD8202 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
More results

Similar Description - AD8202W-KGD-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
High Voltage, Precision Difference Amplifier
REV. 0
AD8208 AD-AD8208 Datasheet
335Kb / 16P
High Voltage, Precision Difference Amplifier
REV. A
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
Bidirectional Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
Precision Voltage Difference Amplifier
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8209A AD-AD8209A Datasheet
454Kb / 15P
High Voltage, Precision Difference Amplifier
11/2016-Rev. 0 to Rev. A
AD8208 AD-AD8208_V01 Datasheet
344Kb / 20P
High Voltage, Precision Difference Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com