Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8202W-KGD-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8202W-KGD-R7
Description  High Voltage, Precision Difference Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202W-KGD-R7 Datasheet(HTML) 6 Page - Analog Devices

  AD8202W-KGD-R7 Datasheet HTML 1Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 2Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 3Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 4Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 5Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 6Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 7Page - Analog Devices AD8202W-KGD-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD8202-KGD
Known Good Die
Rev. 0 | Page 6 of 8
OUTLINE DIMENSIONS
0.092 × 0.092
SIDE VIEW
TOP VIEW
(CIRCUIT SIDE)
1.165
1.180
0.391
0.381
0.371
1
2
3
4
5
6
7
8
Figure 3. 8-Pad Bare Die [CHIP]
(C-8-1)
Dimensions shown in millimeters
DIE SPECIFICATIONS AND ASSEMBLY RECOMMENDATIONS
Table 4. Die Specifications
Parameter
Value
Unit1
Chip Size
1090 × 1105
μm
Scribe Line Width
75 × 75
μm
Die Size
1.180 × 1.165
mm (maximum)
Thickness
381 ± 10
μm
Bond Pad
92 × 92
μm (minimum)
Bond Pad Composition
0.5 AlCu
%
Backside
Bare
N/A
Passivation
Polymide
N/A
1
N/A means not applicable.
Table 5. Assembly Recommendations
Assembly Component
Recommendation
Die Attach
No special requirements
Bonding Method
Gold ball or aluminum wedge
Bonding Sequence
Any
ORDERING GUIDE
Model1
Temperature Range
Package Option
AD8202W-KGD-R7
−40°C to +150°C
C-8-1
1
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8202W model is available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that this automotive model may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade product shown is available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com