Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9162BBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 54Page - Analog Devices AD9162BBCZ Datasheet HTML 55Page - Analog Devices AD9162BBCZ Datasheet HTML 56Page - Analog Devices AD9162BBCZ Datasheet HTML 57Page - Analog Devices AD9162BBCZ Datasheet HTML 58Page - Analog Devices AD9162BBCZ Datasheet HTML 59Page - Analog Devices AD9162BBCZ Datasheet HTML 60Page - Analog Devices AD9162BBCZ Datasheet HTML 61Page - Analog Devices AD9162BBCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 58 of 58
TRANSPORT LAYER
DELAY
BUFFER 1
DELAY
BUFFER 0
F2S_0
F2S_1
DAC A_I0[15:0]
DAC A_Q0[15:0]
PCLK_1
LANE 0 OCTETS
LANE 7 OCTETS
PCLK_0
SPI CONTROL
LANE 3 OCTETS
LANE 4 OCTETS
DAC B_I0[15:0]
DAC B_Q0[15:0]
TRANSPORT LAYER
(QBD)
SPI CONTROL
PCLK_0
TO
PCLK_1
FIFO
Figure 160. Transport Layer Block Diagram
The transport layer receives the descrambled JESD204B frames
and converts them to DAC samples based on the programmed
JESD204B parameters shown in Table 24. The device parameters
are defined in Table 25.
Table 24. JESD204B Transport Layer Parameters
Parameter
Description
F
Number of octets per frame per lane: 1, 2, or 4
K
Number of frames per multiframe: K = 32
L
Number of lanes per converter device (per link), as
follows: 4, or 8
M
Number of converters per device (per link), as follows:
1 or 2 (2 is used for complex data interface)
S
Number of samples per converter, per frame: 1 or 2
Table 25. JESD204B Device Parameters
Parameter
Description
CF
Number of control words per device clock per link.
Not supported, must be 0.
CS
Number of control bits per conversion sample. Not
supported, must be 0.
HD
High density user data format. Used when samples
must be split across lanes.
Set to 1 always, even when F does not equal 1.
Otherwise, a link configuration error triggers and
the IRQ_ILAS flag is set.
N
Converter resolution = 16.
N' (or NP)
Total number of bits per sample = 16.
Certain combinations of these parameters are supported by the
AD9161/AD9162. See Table 28 for a list of supported
interpolation rates and the number of lanes that is supported for
each rate. Table 28 lists the JESD204B parameters for each of the
interpolation and number of lanes configuration and gives an
example lane rate for a 5 GHz DAC clock. Table 27 lists
JESD204B parameters that have fixed values. A value of yes in
Table 26 means the interpolation rate is supported for the number
of lanes. A blank cell means it is not supported.
Table 26. Interpolation Rates and Number of Lanes
Interpolation
8
6
4
3
2
1
1×
Yes1
2×
Yes
Yes1
3×
Yes
Yes
4×
Yes
Yes
Yes
Yes1
6×
Yes
Yes
Yes
Yes
8×
Yes
Yes
Yes
Yes
Yes
12×
Yes
Yes
Yes
Yes
Yes
16×
Yes
Yes
Yes
Yes
Yes
Yes
24×
Yes
Yes
Yes
Yes
Yes
Yes
1 These modes restrict the maximum DAC clock rate to 5 GHz.
Table 27. JESD204B Parameters with Fixed Values
Parameter
Value
K
32
N
16
NP
16
CF
0
HD
1
CS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com