Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9162BBCZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 56Page - Analog Devices AD9162BBCZ Datasheet HTML 57Page - Analog Devices AD9162BBCZ Datasheet HTML 58Page - Analog Devices AD9162BBCZ Datasheet HTML 59Page - Analog Devices AD9162BBCZ Datasheet HTML 60Page - Analog Devices AD9162BBCZ Datasheet HTML 61Page - Analog Devices AD9162BBCZ Datasheet HTML 62Page - Analog Devices AD9162BBCZ Datasheet HTML 63Page - Analog Devices AD9162BBCZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 60 of 144
Configuration Parameters
The AD9161/AD9162 modes refer to the link configuration
parameters for L, K, M, N, NP, S, and F. Table 29 provides the
description and addresses for these settings.
Table 29. Configuration Parameters
JESD204B
Setting
Description
Address
L − 1
Number of lanes − 1.
Register 0x453,
Bits[4:0]
F − 1
Number of ((octets per frame) per
lane) − 1.
Register 0x454,
Bits[7:0]
K − 1
Number of frames per multiframe −
1.
Register 0x455,
Bits[4:0]
M − 1
Number of converters − 1.
Register 0x456,
Bits[7:0]
N − 1
Converter bit resolution − 1.
Register 0x457,
Bits[4:0]
NP − 1
Bit packing per sample − 1.
Register 0x458,
Bits[4:0]
S − 1
Number of ((samples per
converter) per frame) − 1.
Register 0x459,
Bits[4:0]
HD
High density format. Set to 1 always,
even when F does not equal 1.
Otherwise, a link configuration
error triggers and the IRQ_ILAS flag
is set.
Register 0x45A,
Bit 7
DID
Device ID. Match the Device ID
sent by the transmitter.
Register 0x450,
Bits[7:0]
BID
Bank ID. Match the Bank ID sent by
the transmitter.
Register 0x451,
Bits[7:0]
LID0
Lane ID for Lane 0. Match the Lane
ID sent by the transmitter on
Logical Lane 0.
Register 0x452,
Bits[4:0]
JESDV
JESD204x version. Match the
version sent by the transmitter
(0x0 = JESD204A, 0x1 = JESD204B).
Register 0x459,
Bits[7:5]
Data Flow Through the JESD204B Receiver
The link configuration parameters determine how the serial bits
on the JESD204B receiver interface are deframed and passed on
to the DACs as data samples.
Deskewing and Enabling Logical Lanes
After proper configuration, the logical lanes are automatically
deskewed. All logical lanes are enabled or not based on the lane
number setting in Register 0x110, Bits[7:4]. The physical lanes
are all powered up by default.
To disable power to physical lanes that are not being used, set Bit x
in Register 0x201 to 1 to disable Physical Lane x, and keep it at 0
to enable it.
JESD204B TEST MODES
PHY PRBS Testing
The JESD204B receiver on the AD9161/AD9162 includes a
PRBS pattern checker on the back end of its physical layer. This
functionality enables bit error rate (BER) testing of each
physical lane of the JESD204B link. The PHY PRBS pattern
checker does not require that the JESD204B link be established. It
can synchronize with a PRBS7, PRBS15, or PRBS31 data pattern.
PRBS pattern verification can be done on multiple lanes at once.
The error counts for failing lanes are reported for one
JESD204B lane at a time. The process for performing PRBS
testing on the AD9161/AD9162 is as follows:
1. Start sending a PRBS7, PRBS15, or PRBS31 pattern from
the JESD204B transmitter.
2. Select and write the appropriate PRBS pattern to
Register 0x316, Bits[3:2], as shown in Table 30.
3. Enable the PHY test for all lanes being tested by writing to
PHY_TEST_EN (Register 0x315). Each bit of Register 0x315
enables the PRBS test for the corresponding lane. For example,
writing a 1 to Bit 0 enables the PRBS test for Physical Lane 0.
4. Toggle PHY_TEST_RESET (Register 0x316, Bit 0) from 0
to 1 then back to 0.
5. Set PHY_PRBS_TEST_THRESHOLD_xBITS (Bits[23:0],
Register 0x319 to Register 0x317) as desired.
6. Write a 0 and then a 1 to PHY_TEST_START (Register 0x316,
Bit 1). The rising edge of PHY_TEST_START starts the test.
a. (Optional) In some cases, it may be necessary to
repeat Step 4 at this point. Toggle PHY_TEST_RESET
(Register 0x316, Bit 0) from 0 to 1, then back to 0.
7. Wait 500 ms.
8. Stop the test by writing PHY_TEST_START
(Register 0x316, Bit 1) = 0.
9. Read the PRBS test results.
a. Each bit of PHY_PRBS_PASS (Register 0x31D)
corresponds to one SERDES lane (0 = fail, 1 = pass).
b. The number of PRBS errors seen on each failing lane
can be read by writing the lane number to check (0 to 7)
in PHY_SRC_ERR_CNT (Register 0x316, Bits[6:4])
and reading the PHY_PRBS_ERR_COUNT (Register
0x31C to Register 0x31A). The maximum error count
is 224−1. If all bits of Register 0x31C to Register 0x31A are
high, the maximum error count on the selected lane is
exceeded.
Table 30. PHY PRBS Pattern Selection
PHY_PRBS_PAT_SEL Setting
(Register 0x316, Bits[3:2])
PRBS Pattern
0b00 (default)
PRBS7
0b01
PRBS15
0b10
PRBS31
Transport Layer Testing
The JESD204B receiver in the AD9161/AD9162 supports the
short transport layer (STPL) test as described in the JESD204B
standard. This test can be used to verify the data mapping
between the JESD204B transmitter and receiver. To perform
this test, this function must be implemented in the logic device
and enabled there. Before running the test on the receiver side,
the link must be established and running without errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com