Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9162BBCZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 92Page - Analog Devices AD9162BBCZ Datasheet HTML 93Page - Analog Devices AD9162BBCZ Datasheet HTML 94Page - Analog Devices AD9162BBCZ Datasheet HTML 95Page - Analog Devices AD9162BBCZ Datasheet HTML 96Page - Analog Devices AD9162BBCZ Datasheet HTML 97Page - Analog Devices AD9162BBCZ Datasheet HTML 98Page - Analog Devices AD9162BBCZ Datasheet HTML 99Page - Analog Devices AD9162BBCZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 96 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
[1:0] HYS_CNTRL[9:8]
Controls the amount of
hysteresis in the SYSREF±
receiver. Each of the 10 bits
adds 10 mV of differential
hysteresis to the receiver input.
0x0
R/W
0x089 SYSREF_CTRL1
[7:0] HYS_CNTRL[7:0]
Controls the amount of
hysteresis in the SYSREF±
receiver. Each of the 10 bits
adds 10 mV of differential
hysteresis to the receiver input.
0x0
R/W
0x090 DLL_PD
[7:5] RESERVED
Reserved.
0x0
R
4
DLL_FINE_DC_EN
Fine delay line duty cycle
correction enable.
0x1
R/W
3
DLL_FINE_XC_EN
Fine delay line cross control
enable.
0x1
R/W
2
DLL_COARSE_DC_EN
Coarse delay line duty cycle
correction enable.
0x1
R/W
1
DLL_COARSE_XC_EN
Coarse delay line cross control
enable.
0x1
R/W
0
DLL_CLK_PD
Power down DLL and digital
clock generator.
0x1
R/W
0 Power up DLL controller.
1 Power down DLL controller.
0x091 DLL_CTRL
7
DLL_TRACK_ERR
Track error behavior.
0x1
R/W
0 Continue on error.
1 Restart on error.
6
DLL_SEARCH_ERR
Search error behavior.
0x1
R/W
0 Stop on error.
1 Retry on error.
5
DLL_SLOPE
Desired slope.
0x1
R/W
0 Negative slope.
1 Positive slope.
[4:3] DLL_SEARCH
Search direction.
0x2
R/W
00 Search down from initial point
only.
01 Search up from initial point
only.
10 Search up and down from initial
point.
[2:1] DLL_MODE
Controller mode.
0x0
R/W
00 Search then track.
01 Track only.
10 Search only.
0
DLL_ENABLE
Controller enable.
0x0
R/W
0 Disable DLL controller: use
static SPI settings.
1 Enable DLL controller: use
controller with feedback loop.
0x092 DLL_STATUS
[7:3] RESERVED
Reserved.
0x0
R
2
DLL_FAIL
The DAC clock DLL failed to
lock.
0x0
R
1
DLL_LOST
The DAC clock DLL has lost lock. 0x0
R/W
0
DLL_LOCKED
The DAC clock DLL has
achieved lock.
0x0
R
0x093 DLL_GB
[7:4] RESERVED
Reserved.
0x0
R
[3:0] DLL_GUARD
Search guard band.
0x0
R/W
0x094 DLL_COARSE
[7:6] RESERVED
Reserved.
0x0
R
[5:0] DLL_COARSE
Coarse delay line setpoint.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com