Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9959/PCBZ
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9959/PCBZ Datasheet HTML 20Page - Analog Devices AD9959/PCBZ Datasheet HTML 21Page - Analog Devices AD9959/PCBZ Datasheet HTML 22Page - Analog Devices AD9959/PCBZ Datasheet HTML 23Page - Analog Devices AD9959/PCBZ Datasheet HTML 24Page - Analog Devices AD9959/PCBZ Datasheet HTML 25Page - Analog Devices AD9959/PCBZ Datasheet HTML 26Page - Analog Devices AD9959/PCBZ Datasheet HTML 27Page - Analog Devices AD9959/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9959
Data Sheet
Rev. C | Page 24 of 44
MODULATION USING SDIO_x PINS FOR RU/RD
For RU/RD bits = 11, the SDIO_1, SDIO_2, and SDIO_3 pins
are available for RU/RD. In this mode, modulation levels of 2, 4,
and 16 are available. Note that the serial I/O port can be used only
in 1-bit serial mode.
Two-Level Modulation Using SDIO Pins for RU/RD
Table 15. Profile Pin and Channel Assignments in Two-Level
Modulation (RU/RD Enabled)
Profile Pin Config. (PPC)
(FR1[14:12])
P0
P1
P2
P3
XXX
CH0
CH1
CH2
CH3
For the configuration in Table 15, each profile pin is dedicated
to a specific channel. In this case, the SDIO_x pins can be used
for the RU/RD function, as described in Table 16.
Four-Level Modulation Using SDIO Pins for RU/RD
For RU/RD bits = 11 (the SDIO_1 and SDIO_2 pins are avail-
able for RU/RD), the modulation level is set to 4. See Table 17
for pin assignments, including SDIO_x pin assignments.
For the configuration shown in Table 17, the profile (channel
word) register is chosen based on the 2-bit value presented to
Profile Pins [P1:P2] or [P3:P4].
For example, if PPC = 011, [P0:P1] = 11, and [P2:P3] = 01,
the contents of the Channel Word 3 register of Channel 1 are
presented to the output of Channel 1, and the contents of the
Channel Word 1 register of Channel 2 are presented to the
output of Channel 2. SDIO_1 and SDIO_2 provide the RU/RD
function.
16-Level Modulation Using SDIO Pins for RU/RD
The RU/RD bits = 11 (the SDIO_1 pin is available for RU/RD),
and the level is set to 16. See the pin assignments shown in
Table 18.
For the configuration shown in Table 18, the profile (channel
word) register is chosen based on the 4-bit value presented to
Profile Pins [P0:P3]. For example, if PPC = X10 and [P0:P3] =
1101, then the contents of the Channel Word 13 register of
Channel 2 is presented to the output of Channel 2. The SDIO_1
pin provides the RU/RD function.
Table 16. Channel and SDIO_1/SDIO_2/SDIO_3 Pin Assignments for RU/RD Operation
SDIO_1
SDIO_2
SDIO_3
Description
0
0
0
Triggers the ramp-up function for CH0
0
0
1
Triggers the ramp-down function for CH0
0
1
0
Triggers the ramp-up function for CH1
0
1
1
Triggers the ramp-down function for CH1
1
0
0
Triggers the ramp-up function for CH2
1
0
1
Triggers the ramp-down function for CH2
1
1
0
Triggers the ramp-up function for CH3
1
1
1
Triggers the ramp-down function for CH3
Table 17. Channel and Profile Pin Assignments, Including SDIO_1/SDIO_2/SDIO_3 Pin Assignments for RU/RD Operation
Profile Pin Configuration (PPC) (FR1[14:12])
P0
P1
P2
P3
SDIO_1
SDIO_2
SDIO_3
000
CH0
CH0
CH1
CH1
CH0 RU/RD
CH1 RU/RD
N/A
001
CH0
CH0
CH2
CH2
CH0 RU/RD
CH2 RU/RD
N/A
010
CH0
CH0
CH3
CH3
CH0 RU/RD
CH3 RU/RD
N/A
011
CH1
CH1
CH2
CH2
CH1 RU/RD
CH2 RU/RD
N/A
100
CH1
CH1
CH3
CH3
CH1 RU/RD
CH3 RU/RD
N/A
101
CH2
CH2
CH3
CH3
CH2 RU/RD
CH3 RU/RD
N/A
Table 18. Channel and Profile Pin Assignments, Including SDIO_1 Pin Assignments for RU/RD Operation
Profile Pin Configuration (PPC) (FR1[14:12])
P0
P1
P2
P3
SDIO_1
SDIO_2
SDIO_3
X00
CH0
CH0
CH0
CH0
CH0 RU/RD
N/A
N/A
X01
CH1
CH1
CH1
CH1
CH1 RU/RD
N/A
N/A
X10
CH2
CH2
CH2
CH2
CH2 RU/RD
N/A
N/A
X11
CH3
CH3
CH3
CH3
CH3 RU/RD
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com