Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9959/PCBZ
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9959/PCBZ Datasheet HTML 36Page - Analog Devices AD9959/PCBZ Datasheet HTML 37Page - Analog Devices AD9959/PCBZ Datasheet HTML 38Page - Analog Devices AD9959/PCBZ Datasheet HTML 39Page - Analog Devices AD9959/PCBZ Datasheet HTML 40Page - Analog Devices AD9959/PCBZ Datasheet HTML 41Page - Analog Devices AD9959/PCBZ Datasheet HTML 42Page - Analog Devices AD9959/PCBZ Datasheet HTML 43Page - Analog Devices AD9959/PCBZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
AD9959
Rev. C | Page 41 of 44
DESCRIPTIONS FOR CHANNEL REGISTERS
Channel Function Register (CFR)—Address 0x03
Three bytes are assigned to this register.
Table 34. Bit Descriptions for CFR
Bit
Mnemonic
Description
23:22
Amplitude frequency
phase (AFP) select
Controls what type of modulation is to be performed for that channel. See the Modulation Mode section
for details.
21:16
Open
15
Linear sweep no-dwell
0 = the linear sweep no-dwell function is inactive (default).
1 = the linear sweep no-dwell function is active. If CFR[15] is active, the linear sweep no-dwell function is
activated. See the Linear Sweep Mode section for details. If CFR[14] is clear, this bit is don’t care.
14
Linear sweep enable
0 = the linear sweep capability is inactive (default).
1 = the linear sweep capability is enabled. When enabled, the delta frequency tuning word is applied to
the frequency accumulator at the programmed ramp rate.
13
Load SRR at
I/O_UPDATE
0 = the linear sweep ramp rate timer is loaded only upon timeout (timer = 1) and is not loaded because
of an I/O_UPDATE input signal (default).
1 = the linear sweep ramp rate timer is loaded upon timeout (timer = 1) or at the time of an I/O_UPDATE
input signal.
12:11
Open
10
Must be 0
Must be set to 0.
9:8
DAC full-scale current
control
11 = the DAC is at the largest LSB value (default).
See Table 5 for other settings.
7
Digital power-down
0 = the digital core is enabled for operation (default).
1 = the digital core is disabled and is in its lowest power dissipation state.
6
DAC power-down
0 = the DAC is enabled for operation (default).
1 = the DAC is disabled and is in its lowest power dissipation state.
5
Matched pipe delays
0 = matched pipe delay mode is inactive (default).
active
1 = matched pipe delay mode is active. See the Single-Tone Mode—Matched Pipeline Delay section for
details.
4
Autoclear sweep
accumulator
0 =
the current state of the sweep accumulator is not impacted by receipt of an I/O_UPDATE signal
(default).
1 = t
he sweep accumulator is automatically and synchronously cleared for one cycle upon receipt
of an I/O_UPDATE signal.
3
Clear sweep
0 = the sweep accumulator functions as normal (default).
accumulator
1 = the sweep accumulator memory elements are asynchronously cleared.
2
Autoclear phase
accumulator
0 = t
he current state of the phase accumulator is not impacted by receipt of an I/O_UPDATE signal
(default).
1 = t
he phase accumulator is automatically and synchronously cleared for one cycle upon receipt
of an I/O_UPDATE signal.
1
Clear phase
0 = the phase accumulator functions as normal (default).
accumulator
1 = the phase accumulator memory elements are asynchronously cleared.
0
Sine wave output
0 = the angle-to-amplitude conversion logic employs a cosine function (default).
enable
1 = the angle-to-amplitude conversion logic employs a sine function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com