Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9959/PCBZ
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9959/PCBZ Datasheet HTML 33Page - Analog Devices AD9959/PCBZ Datasheet HTML 34Page - Analog Devices AD9959/PCBZ Datasheet HTML 35Page - Analog Devices AD9959/PCBZ Datasheet HTML 36Page - Analog Devices AD9959/PCBZ Datasheet HTML 37Page - Analog Devices AD9959/PCBZ Datasheet HTML 38Page - Analog Devices AD9959/PCBZ Datasheet HTML 39Page - Analog Devices AD9959/PCBZ Datasheet HTML 40Page - Analog Devices AD9959/PCBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
AD9959
Rev. C | Page 37 of 44
Table 29. Channel Register Map
Register
Name
(Serial
Address)
Bit
Range
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Channel
Function
Register1
(CFR)
(0x03)
[23:16]
Amplitude freq. phase
(AFP) select[23:22]
Open[21:16]
0x00
[15:8]
Linear
sweep
no-dwell
Linear
sweep
enable
Load SRR at
I/O_UPDATE
Open[12:11]
Must be 0
DAC full-scale current
control[9:8]
0x03
[7:0]
Digital
power-
down
DAC
power-
down
Matched
pipe delays
active
Autoclear
sweep
accumulator
Clear sweep
accumulator
Autoclear
phase
accumulator
Clear phase
accumulator2
Sine
wave
output
enable
0x02
Channel
Frequency
Tuning
Word 01
(CFTW0)
(0x04)
[31:24]
Frequency Tuning Word 0[31:24]
0x00
[23:16]
Frequency Tuning Word 0[23:16]
N/A
[15:8]
Frequency Tuning Word 0[15:8]
N/A
[7:0]
Frequency Tuning Word 0[7:0]
N/A
Channel
Phase
Offset
Word 01
(CPOW0)
(0x05)
[15:8]
Open[15:14]
Phase Offset Word 0[13:8]
0x00
[7:0]
Phase Offset Word 0[7:0]
0x00
Amplitude
Control
Register
(ACR)
(0x06)
[23:16]
Amplitude ramp rate[23:16]
N/A
[15:8]
Increment/decrement
step size[15:14]
Open
Amplitude
multiplier
enable
Ramp-up/
ramp-down
enable
Load ARR at
I/O_UPDATE
Amplitude scale
factor[9:8]
0x00
[7:0]
Amplitude scale factor[7:0]
0x00
Linear
Sweep
Ramp
Rate1
(LSRR)
(0x07)
[15:8]
Falling sweep ramp rate (FSRR)[15:8]
N/A
[7:0]
Rising sweep ramp rate (RSRR)[7:0]
N/A
LSR Rising
Delta
Word1
(RDW)
(0x08)
[31:24]
Rising delta word[31:24]
N/A
[23:16]
Rising delta word[23:16]
N/A
[15:8]
Rising delta word[15:8]
N/A
[7:0]
Rising delta word[7:0]
N/A
LSR Falling
Delta
Word1
(FDW)
(0x09)
[31:24]
Falling delta word[31:24]
N/A
[23:16]
Falling delta word[23:16]
N/A
[15:8]
Falling delta word[15:8]
N/A
[7:0]
Falling delta word[7:0]
N/A
1
There are four sets of channel registers and profile registers, one per channel. This is not shown in the Table 29 or Table 30 because the addresses of all channel
registers and profile registers are the same for each channel. Therefore, the channel enable bits (CSR[7:4]) determine if the channel registers and/or profile registers of
each channel are written to or not.
2
The clear phase accumulator bit is set to Logic 1 after a master reset. It self-clears or is set to Logic 0 when an I/O update is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com