Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6316CW25ARJZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM6316CW25ARJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6316CW25ARJZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM6316CW25ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Data Sheet
Rev. J | Page 12 of 14
Z: RoHS COMPLIANT
ADM63 ____ARJ_-_
ORDERING QUANTITY
RL7: 3000 PIECE REEL
R7: 3000 PIECE REEL RoHS COMPLIANT
PACKAGE CODE
RJ: 5-LEAD SOT-23
TEMPERATURE RANGE
A: –40°C TO +85°C
RESET THRESHOLD NUMBER
(25 TO 50)
WATCHDOG TIMEOUT PERIOD
W: 6.3ms (TYP)
X: 102ms (TYP)
Y: 1.6sec (TYP)
Z: 25.6sec (TYP)
RESET TIMEOUT PERIOD
A: 1ms (MIN)
B: 20ms (MIN)
C: 140ms (MIN)
D: 1120ms (MIN)
GENERIC NUMBER
(16 TO 22)
Figure 21. Ordering Code Structure (Modified Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com