Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6316CW25ARJZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM6316CW25ARJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6316CW25ARJZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM6316CW25ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. J | Page 13 of 14
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
12
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 22. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1,2,3
Reset
Voltage
Threshold (V)
Minimum
Reset
Timeout (ms)
Typical
Watchdog
Timeout (sec)4
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Marking
Code
ADM6316AY27ARJZ-R7
2.7
1
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316AY29ARJZ-R7
2.93
1
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316AZ29ARJZ-R7
2.93
1
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316BX30ARJZ-R7
3
20
0.102
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316BX46ARJZ-R7
4.63
20
0.102
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316CW25ARJZ-R7
2.5
140
0.0063
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316CY26ARJZ-R7
2.63
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316CY29ARJZ-R7
2.93
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316CY46ARJZ-R7
4.63
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316DZ26ARJ-RL7
2.63
1120
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N00
ADM6316DZ26ARJZ-R7
2.63
1120
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6316DZ31ARJZ-R7
3.08
1120
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M7Q
ADM6318BX49ARJZ-R7
4.9
20
0.102
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M9N
ADM6318CY29ARJZ-R7
2.93
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M4Q
ADM6318CY46ARJ-RL7
4.63
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M4Q
ADM6318CY46ARJZ-R7
4.63
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N02
ADM6318CZ28ARJZ-R7
2.8
140
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M4Q
ADM6319B25ARJZ-R7
2.5
20
N/A
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M4Q
ADM6319B31ARJZ-RL7
3.08
20
N/A
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0S
ADM6319C29ARJZ-RL7
2.93
140
N/A
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0S
ADM6319C46ARJZ-RL7
4.63
140
N/A
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0S
ADM6320BX33ARJZ-R7
3.3
20
0.102
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0S
ADM6320BX45ARJZ-R7
4.5
20
0.102
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6320CX29ARJZ-R7
2.93
140
0.102
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6320CY29ARJ-RL7
2.93
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6320CY29ARJZ-R7
2.93
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com