Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6316CW25ARJZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM6316CW25ARJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6316CW25ARJZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM6316CW25ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADM6316CW25ARJZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Data Sheet
Rev. J | Page 14 of 14
Model1,2,3
Reset
Voltage
Threshold (V)
Minimum
Reset
Timeout (ms)
Typical
Watchdog
Timeout (sec)4
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Marking
Code
ADM6320CY31ARJZ-R7
3.08
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6320CY46ARJZ-R7
4.63
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6320CZ27ARJZ-R7
2.7
140
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6320CZ29ARJ-RL7
2.93
140
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6320CZ29ARJZ-R7
2.93
140
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N04
ADM6321AX29ARJZ-R7
2.93
1
0.102
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
N0T
ADM6321AY30ARJZ-R7
3
1
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M8L
ADM6321AY31ARJZ-R7
3.08
1
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M8L
ADM6321AY43ARJZ-R7
4.3
1
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M8L
ADM6321BZ25ARJZ-R7
2.5
20
25.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M8L
ADM6321CY46ARJZ-R7
4.63
140
1.6
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M8L
ADM6322C29ARJZ-R7
2.93
140
N/A
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M8L
ADM6322C46ARJZ-RL7
4.63
140
N/A
−40°C to +85°C
5-Lead SOT-23
RJ-5
3,000
M8J
M8J
1 Z = RoHS Compliant Part.
2 The ADM6316/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322 include many device options, however, not all options are released for sale. Released options called
standard models and are listed in the Ordering Guide. The Watchdog Timers page on the ADI website also shows a list of standard models. Contact a sales
representative for information on nonstandard models and be aware that samples and production units have very long lead times.
3 If ordering nonstandard models, complete the ordering code (see Figure 21) by inserting the reset voltage threshold, reset timeout, and watchdog timer (ADM6316/
ADM6318/ADM6320/ADM6321) suffixes from Table 5 to Table 7. No watchdog timeout is available for ADM6319/ADM6322.
4 N/A means not applicable.
©2004–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04533-0-7/18(J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com