Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH480LEX Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3CH480LEX
Description  4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CH480LEX Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3CH480LEX Datasheet HTML 1Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 2Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 3Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 4Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 5Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 6Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 7Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 8Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PI3CH480
www.diodes.com
November 2018
Document Number DS40329 Rev 3-2
4
© Diodes Incorporated
PI3CH480
Power Supply Characteristics
Symbol
Description
Test Conditions
(1)
Min
Typ
Max
Unit
ICC
Quiescent Power Supply Current
VCC = 3.6V, VIN = GND or VCC
—
0.2
0.5
mA
VCC = 2.5V, VIN = GND or VCC
—
0.25
0.6
mA
VCC = 1.8V, VIN = GND or VCC
—
0.8
1.5
mA
Note:
1. For maximum or minimum conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
Dynamic Electrical Characteristics
(Over Operating Range, TA = -40°C ~ +85°C, VCC = 3.3V ± 10%)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
XTALK
Crosstalk
See Test Diagram
—
-60
—
dB
OIRR
Off-Isolation
See Test Diagram
—
-60
—
BW
-3dB Bandwidth
See Test Diagram
200
500
—
MHz
Switch Characteristics
Over 3.3V Operating Range
Symbol
Description
Test Conditions
(1)
Min
Typ
Max
Unit
tPLH, tPHL
Propagation Delay
(2, 3) Y to In, In to Y
See Test Diagram
—
—
0.3
ns
tPZH, tPZL
Enable Time S or EN to Y or In
See Test Diagram
1.5
—
9.0
tPHZ, tPLZ
Disable Time S or EN to Y or In
See Test Diagram
1.5
—
9.0
Note:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on propagation delays.
3. The switch contributes no propagation delay other than the RC delay of the on-resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.30ns for 10pF load. Because this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagation delay to the system. Propagation delay of the switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Over 2.5V Operating Range
Symbol
Description
Test Conditions
(1)
Min
Typ
Max
Unit
tPLH, tPHL
Propagation Delay
(2, 3) Y to In, In to Y
See Test Diagram
—
—
0.3
ns
tPZH, tPZL
Enable Time S or EN to Y or In
See Test Diagram
1.5
—
15.0
tPHZ, tPLZ
Disable Time S or EN to Y or In
See Test Diagram
1.5
—
12.0
Note:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on propagation delays.
3. The switch contributes no propagation delay other than the RC delay of the on-resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.30ns for 10pF load. Because this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagation delay to the system. Propagation delay of the switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com