Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH480LEX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3CH480LEX
Description  4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CH480LEX Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3CH480LEX Datasheet HTML 1Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 2Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 3Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 4Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 5Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 6Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 7Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 8Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PI3CH480
www.diodes.com
November 2018
Document Number DS40329 Rev 3-2
3
© Diodes Incorporated
PI3CH480
2.5V Supply (Over Operating Range, TA = -40°C ~ +85°C, VCC = 2.5V ± 10%, unless otherwise noted)
Symbol
Description
Test Conditions
(1)
Min
Typ
(2)
Max
Unit
VIH
Control Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
—
VCC+0.3
V
VIL
Control Input LOW Voltage
Guaranteed Logic LOW Level
-0.3
—
0.8
V
VIK
Clamp Diode Voltage
VCC = Max., IIN = -6mA
—
-0.7
-1.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
—
—
±1
μA
IIL
Input Low Current
VCC = Max., VIN = GND
—
—
±1
μA
IOZH
High-Impedance Current
(3)
0 ≤ Y, In ≤ V
CC
—
—
±1
μA
RON
Switch On-Resistance
(4)
VCC = Min., VIN = 0.0V
ION = -48mA
—
4
8
Ω
VCC = Min., VIN = 2.25V
ION = -15mA
—
7
14
Notes:
1. For maximum or minimum conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 2.5V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between Y and In pin at indicated current through the switch. ON resistance is determined by the lower of the
voltages on the two (Y, In) pins.
1.8V Supply (Over Operating Range, TA = -40°C ~ +85°C, VCC = 1.8V ±10%, unless otherwise noted)
Symbol
Description
Test Conditions
(1)
Min
Typ
(2)
Max
Unit
VIH
Control Input HIGH Voltage
Guaranteed Logic HIGH Level
1.2
—
VCC+0.3
V
VIL
Control Input LOW Voltage
Guaranteed Logic LOW Level
-0.3
—
0.6
V
VIK
Clamp Diode Voltage
VCC = Max., IIN = -18mA
—
-0.7
-1.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
—
—
±1
μA
IIL
Input Low Current
VCC = Max., VIN = GND
—
—
±1
μA
IOZH
High-Impedance Current
(3)
0 ≤ Y, In ≤ V
CC
—
—
±1
μA
RON
Switch On-Resistance
(4)
VCC = Min., VIN = 0.0V
ION = -48mA
—
4
8
Ω
VCC = Min., VIN = 1.6V
ION = -15mA
—
10
25
Notes:
1. For maximum or minimum conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 1.8V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between Y and In pin at indicated current through the switch. ON resistance is determined by the lower of the
voltages on the two (Y, In) pins.
Capacitance (T
A = 25°C, f = 1MHz)
Symbol
(1)
Description
Test Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
1.6
2.5
pF
COFF(IN)
In Capacitance, Switch Off
3.2
4.5
COFF(Y)
Y Capacitance, Switch Off
4.9
6.5
CON
Y/In Capacitance, Switch On
8.4
10
Note:
1. These parameters are determined by device characterization but are not production tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com