Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH480LEX Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI3CH480LEX
Description  4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CH480LEX Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI3CH480LEX Datasheet HTML 3Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 4Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 5Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 6Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 7Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 8Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 9Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 10Page - Diodes Incorporated PI3CH480LEX Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PI3CH480
www.diodes.com
November 2018
Document Number DS40329 Rev 3-2
10
© Diodes Incorporated
PI3CH480
16-UQFN (ZHD)
Ordering Information
Part Numbers
Package Code
Package Description
PI3CH480LEX
L
16-Pin, 173mil Wide (TSSOP)
PI3CH480QEX
Q
16-Pin, 150mil Wide (QSOP)
PI3CH480ZHDEX
ZHD
16-Pin, 3x3 (UQFN)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead
free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com