Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1207C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3DPX1207C
Description  DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1207C Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX1207C Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI3DPX1207C
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI3DPX1207C is the DP-Alt 1.4 (Max 10Gbps) Linear Redriver.
DP1.4 standard can support 4K2K@120Hz / 25.82 Gbps with
4-channels.
Each of the DP1.4 and USB3.1 Gen2 differential signals can be
easily adjustable with equalization, output swing and gain adjust-
ment by either pin or I2C control settings. It can optimize the DP/
USB 10Gbps signal performance over a variety of physical medi-
ums by reducing Inter-symbol interference jitters.
Since Linear Redriver does not block the Receiver DFE’s adaptive
channel controls, it can natively support DisplayPort Transparent
LT(Link Training).
Named as “Trace Loss Canceling” technology, and supports the
cascading high speed link connections between Host and Device.
It means multiple linear Redriver can be placed in the link to work
seamlessly to compensate high insertion loss.
The Cascading, Low Jitter and Simplicity of Gain adjustment ca-
pabilities to extend signal transmission features are ideal choice for
the 8-10Gbps high speed DP Alt signal integrity solutions.
Applications
Features
Description
¼
¼
Notebook, Desktop and AIO personal computers
¼
¼
DP-Alt Monitors and Displays
¼
¼
Active DP-Alt Cables/Adapters
Page 1 of 1
Ordering Information
Part Number
Package
Description
PI3DPX1207CZHEX
ZH
42-pin, Very Thin Quad Flat No-Lead
(TQFN) (3.5x9mm)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS
2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, “Green” and Lead-free.
3. Halogen- and Antimony-free “Green” products are defined as those which contain <900ppm
bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
Block Diagram
b
P
Lead-free Green
¼
Î
DP-Alt 4-channel Redriver and DeMux (DP 2-ch and USB
2-ch)
¼
Î
Latency-free USB Read/Write Transfer rate and DisplayPort
Redriver Link Training for variable video frame rate control
¼
Î
DP1.4 (8.1 Gbps) and USB3.1 Gen 2 (10 Gbps) standard
compliant
¼
Î
Type-C DP/USB mode selection: DP only, USB only, DP/USB
split modes
¼
Î
Natively support Transparent DisplayPort Link training with
Non-blocking No-latency Linear ReDriver
¼
Î
Independently controlled EQ/Gain/Swing signal outputs for
DisplayPort and USB modes
¼
Î
Type-C Plug and Aux Flipping controls through I2C slave pins
¼
Î
Slave I2C support only. I2C speed up to 1MHz
¼
Î
Auto power saving circuit
¼
Î
Single Power Supply: 3.3V
¼
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
¼
Î
Halogen and Antimony Free. “Green” Device (Note 3)
¼
Î
Packaging (Pb-free & Green):
– 42-contact TQFN (9mm x3.5mm) (ZH)
EQ
Tx
Tx
Tx
Tx
Tx
Tx
EQ
EQ
EQ
EQ
EQ
RXDET_EN
AUXP
AUXN
EN
FG
SW
Conf. Register
USB state controller
DP state controller
Bandgap, Biasing
Mux
CONF2/SDA
CONF1/SCL
A0/DP_EQ
AUXSBU1
AUXSBU2
IN_HPD
I2C_EN
AP_RX2P/N
AP_TX2P/N
AP_RX1N/P
AP_TX1N/P
CON_TX2P/N
CON_RX2P/N
CON_TX1N/P
CON_RX1N/P
I2C Slave
A1/SSCON_EQ
A2/SSAP_EQ
CONF0
DP1.3
PI3DPX1207C
DPAlt
ReDriver
DPALT
DPALT
USB3.1 Gen2
NB PC System
DP1.4
PI3DPX1207C
DPAlt
ReDriver
DPALT
I2C
DPALT
USB3.1 Gen2
Type-C PD
Controller
PI3DPX1207C
Linear Redriver
PD Control Circults
Type-C Connector
Captive connector
Type-C to Type-C Board
Aux
SBU1/2
DP/USB
DP/USB
Cable
Figure 1. Type-C Connector Inside PCs
Figure 2. DP-Alt to DP Active Cables


Similar Part No. - PI3DPX1207C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207BZHEX DIODES-PI3DPX1207BZHEX Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207Q DIODES-PI3DPX1207Q Datasheet
373Kb / 2P
UHBR13.5 6:4 Active-Crossbar Mux Improves Interconnectivity in Automotive USB 3.2/DP 2.1 USB Type-C® Connections
March 2025
More results

Similar Description - PI3DPX1207C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3EQX1004 DIODES-PI3EQX1004 Datasheet
1Mb / 1P
2-Port USB3.1 Gen-2 10Gbps ReDriver
PI2DPT1021 DIODES-PI2DPT1021 Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com