Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB80CDCDL Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS28F400AMB80CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB80CDCDL Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS28F400AMB80CDCDL Datasheet HTML 23Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 24Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 25Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 26Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 27Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 28Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 29Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 30Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
power-up and reset switching characteristics for TMS28F004ASy and TMS28F400ASy over recommended ranges of supply
voltage (commercial and extended temperature ranges)(see Notes 11, 12, and 13)
ALT
’28F004ASy60
’28F400ASy 60
’28F004ASy 70
’28F400ASy 70
’28F004ASy 80
’28F400ASy 80
PARAMETER
ALT.
SYMBOL
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at
4.5 V MIN (to VCC at 3 V MIN or
3.6 V MAX) (see Note 14)
tPL5V
tPL3V
0
0
0
0
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
110
60
130
70
150
80
ns
tsu(DV)
Setup time, RP high to data valid
tPHQV
800
450
800
450
800
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP
high
t5VPH
2
2
2
2
2
2
µs
th(RP3)
Hold time, VCC at 3 V (MIN) to RP high
t3VPH
2
2
2
2
2
2
µs
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.
13. E and G are switched low after power up.
14. The power supply can switch low concurrently with RP going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com