Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB80CDCDL Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS28F400AMB80CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB80CDCDL Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS28F400AMB80CDCDL Datasheet HTML 8Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 9Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 10Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 11Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 12Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 13Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 14Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 15Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
byte-wide or word-wide mode selection (continued)
Table 6. Operation Modes for Word-Wide Mode (BYTE = VIH) (see Note 2)
MODE
WP
E
G
RP
W
A9
A0
VPP
DQ0 – DQ15
Read
X
VIL
VIL
VIH
VIH
X
X
X
Data out
X
VIL
VIL
VIH
VIH
VID
VIL
X
Manufacturer-equivalent code
0089h
Algorithm-selection mode
X
VIL
VIL
VIH
VIH
VID
VIH
X
Device-equivalent code 4470h
(top boot block)
X
VIL
VIL
VIH
VIH
VID
VIH
X
Device-equivalent code 4471h
(bottom boot block)
Output disable
X
VIL
VIH
VIH
VIH
X
X
X
Hi-Z
Standby
X
VIH
X
VIH
X
X
X
X
Hi-Z
Reset / deep power down
X
X
X
VIL
X
X
X
X
Hi-Z
Write (see Note 3)
VIL
or
VIH
VIL
VIH
VIH
or
VHH
VIL
X
X
VPPL
or
VPPH
Data in
NOTES:
2. X = don’t care
3. When writing commands to the ’28F400Axy, VPP must be in the appropriate VPP voltage range (as shown in the recommended
operating conditions table) for block-erase or program commands to be executed. Also, depending on the combination of RP and
WP, the boot block can be secured and, therefore, is not programmable (see Table 2 for the combinations).
Table 7. Operation Modes for Byte-Wide Mode (BYTE = VIL) (see Note 2)
MODE
WP
E
G
RP
W
A9
A0
VPP
DQ15 / A –1
DQ8 – DQ14
DQ0 – DQ7
Read lower byte
X
VIL
VIL
VIH
VIH
X
X
X
VIL
Hi-Z
Data out
Read upper byte
X
VIL
VIL
VIH
VIH
X
X
X
VIH
Hi-Z
Data out
X
VIL
VIL
VIH
VIH
VID
VIL
X
X
Hi-Z
Manufacturer-equivalent
code 89h
Algorithm-selection
Device-equivalent code
g
mode
X
VIL
VIL
VIH
VIH
VID
VIH
X
X
Hi Z
q
70h (top boot block)
X
VIL
VIL
VIH
VIH
VID
VIH
X
X
Hi-Z
Device-equivalent code
71h (bottom boot block)
Output disable
X
VIL
VIH
VIH
VIH
X
X
X
X
Hi-Z
Hi-Z
Standby
X
VIH
X
VIH
X
X
X
X
X
Hi-Z
Hi-Z
Reset / deep power
down
X
X
X
VIL
X
X
X
X
X
Hi-Z
Hi-Z
Write (see Note 3)
VIL
or
VIH
VIL
VIH
VIH
or
VHH
VIL
X
X
VPPL
or
VPPH
X
Hi-Z
Data in
NOTES:
2. X = don’t care
3. When writing commands to the ’28F400Axy, VPP must be in the appropriate VPP voltage range (as shown in the recommended
operating conditions table) for block-erase or program commands to be executed. Also, depending on the combination of RP and
WP, the boot block can be secured and, therefore, is not programmable (see Table 2 for the combinations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com