Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB80CDCDL Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS28F400AMB80CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB80CDCDL Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS28F400AMB80CDCDL Datasheet HTML 36Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 37Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 38Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 39Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 40Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 41Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 42Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 43Page - Texas Instruments TMS28F400AMB80CDCDL Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements for TMS28F004AEy and TMS28F400AEy
write/erase operations — W-controlled writes
ALT
’28F004AEy 60
’28F400AEy 60
ALT.
SYMBOL
3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
tc( W )
Cycle time, write
tAVAV
110
60
ns
tc( W )OP
Cycle time, duration of programming operation
tWHQV1
6
6
µs
tc( W )ERB
Cycle time, erase operation (boot block)
tWHQV2
0.3
0.3
s
tc( W )ERP
Cycle time, erase operation (parameter block)
tWHQV3
0.3
0.3
s
tc( W )ERM
Cycle time, erase operation (main block)
tWHQV4
0.6
0.6
s
td(RPR)
Delay time, boot-block relock
tPHBR
200
100
ns
th(A)
Hold time, A0 – A17 (see Note 15)
tWHAX
0
0
ns
th(D)
Hold time, DQ valid
tWHDX
0
0
ns
th(E)
Hold time, E
tWHEH
0
0
ns
th( VPP)
Hold time, VPP from valid status register bit
tQVVL
0
0
ns
th(RP)
Hold time, RP at VHH from valid status register bit
tQVPH
0
0
ns
th(WP)
Hold time, WP from valid status register bit
tWHPL
0
0
ns
tsu(WP)
Setup time, WP before write operation
tELPH
90
50
ns
tsu(A)
Setup time, A0 – A17 (see Note 15)
tAVWH
90
50
ns
tsu(D)
Setup time, DQ
tDVWH
90
50
ns
tsu(E)
Setup time, E before write operation
tELWL
0
0
ns
tsu(RP)
Setup time, RP at VHH to W going high
tPHHWH
200
100
ns
tsu( VPP)1
Setup time, VPP to W going high
tVPWH
200
100
ns
tw( W )
Pulse duration, W low
tWLWH
90
50
ns
tw( WH)
Pulse duration, W high
tWHWL
20
10
ns
trec(RPHW)
Recovery time, RP high to W going low
tPHWL
800
450
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com