Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OAC10 Datasheet(PDF) 1 Page - ETA-USA

Part # OAC10
Description  10 Watt AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

OAC10 Datasheet(HTML) 1 Page - ETA-USA

  OAC10 Datasheet HTML 1Page - ETA-USA OAC10 Datasheet HTML 2Page - ETA-USA OAC10 Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OAC10- Series
10 Watt AC/DC Power Supply
UNIT
OAC10-3.3
OAC10-5
OAC10-12
OAC10-24
OUTPUT Nominal Voltage VDC
3.3
5
12
24
Efficiency typ
%
70
76
78
80
Current
A
2.5
2.0
0.84
0.42
Capacitive Load
max.
uF
18000uF
4800uF
2000uF
360uF
Line Regulation
mV
+/-1.5
+/-1.5
+/-1.5
+/-1.5
Load Regulation
mV
+/-2
+/-2
+/-2
+/-2
Ripple Noise
maximum
mVp-p
180
150
150
180
Hold up Time
mS
115V/60 Hz 8ms
Over Load Protection
-
Auto Recovery
Auto Recovery
Auto Recovery
Auto Recovery
Short Circuit Protection
-
CONT. Auto
Recovery
CONT. Auto
Recovery
CONT. Auto
Recovery
CONT. Auto
Recovery
Isolation
Isolation Voltage
1Min. Pri to Sec. cut-off current 5mA
3750VAC
UNIT
INPUT
Voltage/Freq
V
Universal Input voltage AC 90V ~ 264V
47 ~ 63Hz
Current Typ. 110V
220V
A
250 mA
150 mA
Start-up time 115V
FUSE
EXTERNAL
-
2s
Inrush Current
A
115V 20 ( Ta=25 , Io=100% at cold Start ); 230V 40 ( Ta=25 , Io=100% at cold Start )
Leakage
mA
264V=0.25
NO LOAD CONSUMPTION 0.1 W
Isolated output 3750VAC
Short Circuit protection
Encapsulated compact size 1" X1"
CE recognized
ITE & AC Motor Applications
2 year Warranty


Similar Part No. - OAC10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OAC10 ETC2-OAC10 Datasheet
100Kb / 1P
HCMOS/TTL Low Power Oscillator
logo
Caliber Electronics Inc...
OAC10 CALIBER-OAC10 Datasheet
105Kb / 1P
HCMOS/TTL Low Power Oscillator
logo
ETA-USA
OAC10-12 ETA-USA-OAC10-12 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
OAC10-24 ETA-USA-OAC10-24 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
More results

Similar Description - OAC10

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
DAC10-20FWX ETA-USA-DAC10-20FWX Datasheet
2Mb / 4P
10 Watt AC/DC Power Supply
DAC10-FWX ETA-USA-DAC10-FWX Datasheet
2Mb / 4P
10 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TMF10 TRACOPOWER-TMF10 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 10 Series, 10 Watt
Rev. January 25, 2023
TMPS10 TRACOPOWER-TMPS10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
TMPW10-J TRACOPOWER-TMPW10-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 10-J Series, 10 Watt
Rev. November 30, 2022
TMPW10 TRACOPOWER-TMPW10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPW 10 Series, 10 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com