Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA821 Datasheet HTML 3Page - Texas Instruments INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = mid-supply, VCLAMP+ = VS+, VCLAMP– = VS–, RL = 10 kΩ, and G = 1 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS CURRENT
IB
Input bias current
5
20
nA
TA = –40°C to +125°C
TBD
Input bias current drift
TA = –40°C to +125°C
25
pA/°C
IOS
Input offset current
6
nA
TA = –40°C to +125°C
TBD
Input offset current drift
TA = –40°C to +125°C
5
pA/°C
NOISE VOLTAGE
eNI
Input stage voltage noise
density(7)
f = 1 kHz, G = 1000
3.2
nV/√Hz
Input stage voltage
noise(7)
fB = 0.1 Hz to 10 Hz, G = 1000
TBD
µVPP
eNO
Output stage voltage
noise density(7)
f = 1 kHz
G = 0.2
83
nV/√Hz
G = 1
52
nV/√Hz
Output stage voltage
noise(7)
fB = 0.1 Hz to 10 Hz
G = 0.2
TBD
µVPP
G = 1
TBD
µVPP
Current noise density
f = 1 kHz, G = 1000
0.8
pA/√Hz
In
Current noise
fB = 0.1 Hz to 10 Hz, G = 100
TBD
pAPP
GAIN
Gain equation
(0.2 or 1) × (1 + (6 kΩ / RG) )
V/V
G
Gain
0.2
10000
V/V
GE
Gain error
G = 0.2, VO = ±2 V
±0.1
%
G = 1, VO = ±10 V
±0.02
G = 10, VO = ±10 V
±0.2
G = 100, VO = ±10 V
±0.2
G = 1000, VO = ±10 V
TBD
Gain drift(6)
TA = –40°C to +85°C
G = 0.2
TBD
ppm/°C
G = 1
TBD
G > 1
±35
Gain nonlinearity
G = 0.2, VO = –2 V to +2 V
TBD
ppm
G = 1, VO = –10 V to +10 V
TBD
G > 1, VO = –10 V to +10 V
TBD
OUTPUT
VO
Output voltage swing
IOUT = 10 mA, TA = –40°C to +125°C
No output clamping
(VCLAMP+ = VS+,
VCLAMP– = VS–)
(VS–) + 1.4
(VS+) – 1.4
V
Output clamping enabled
(VCLAMP+ = VS+ –1.5 V,
VCLAMP– = VS–+1.5 V)
VCLAMP– –
0.1
VCLAMP+ + 0.1
CL
Load capacitance
Stable operation for differential load
100
pF
ZO
Open-loop output
impedance
f = 10 kHz
TBD
Ω
ISC
Short-circuit current
Continuous to VS / 2
±37
mA
TA = –40°C to 125°C
±37
www.ti.com
INA851
SBOS999 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com