Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 1 Page - Texas Instruments

  INA821 Datasheet HTML 1Page - Texas Instruments INA821 Datasheet HTML 2Page - Texas Instruments INA821 Datasheet HTML 3Page - Texas Instruments INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier
With Optional Attenuating Gain
1 Features
• Gain programmable from
G = 0.2 to 10,000 by using external resistor
• Fully differential outputs with integrated clamping
• Input overvoltage protection to ±40 V beyond
supplies at G = 1
• Low offset voltage: 10 µV (typ), 35 µV (max)
• Low offset drift: 0.1 µV/°C (typ), 0.4 µV/°C (max)
• Low input bias current: 5 nA (typ)
• Input stage noise: 3.2 nV/√Hz, 0.8 pA/√Hz
• Wide bandwidth: 22 MHz at G = 0.2,
15 MHz at G = 1
• Common-mode rejection: 106 dB (min) at G = 10,
120 dB (min) at 100 ≤ G ≤ 1000
• Power supply rejection: 110 dB (min) at G = 1
• Supply current: 6 mA (typ)
• Supply range:
– Single supply: 8 V to 36 V
– Dual supply: ±4 V to ±18 V
• Specified temperature range: –40°C to +125°C
• Tiny package: 16-pin RGT
2 Applications
• Analog input module
• Flow transmitter
• LCD test
• Electrocardiogram (ECG)
• Surgical equipment
• Oscilloscope (DSO)
• Weigh scale
• Semiconductor test
3 Description
The INA851 is the industry's first high-precision
instrumentation amplifier with fully differential outputs.
This device is optimized to drive inputs of modern
high performance analog-to-digital converters (ADCs)
with fully differential inputs. The INA851 operates over
a very-wide, single-supply or dual-supply range. The
output stage gain may be set to either 0.2 or to 1 by
shorting or floating two pins. A single external resistor
sets any input stage gain from 1 to 10,000.
Compared to other amplifiers in the same class,
the INA851 offers very-low input bias current and
low input-referred current noise as a result of super-
beta input transistors. A state-of-the-art manufacturing
process provides exceptionally low voltage noise,
input offset voltage, and offset voltage drift. The
device outputs feature built-in clamping circuitry to
protect the ADC or downstream device against
overdrive damage.
The device is designed for operation from an 8-V
minimum single supply, as well as with dual supplies
up to ±18 V.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA851
VQFN (16)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
–
RG
VS+
OUT+
VS
IN
IN+
RG+
OUT
VOCM
RF
RF
R1
R2
R4
R3
G02
(1)
G02+
(1)
3 k
5 k
5 k
3 k
5 k
1.25 k
R5
R6
5 k
1.25 k
LDO
LDO
VCLAMP+
VCLAMP
RG
ADC
INP
INN
FDA_IN
FDA_IN+
+
–
–
+
INA851
15 V
15 V
5 V
4
3
2
1
16
15
14
13
7
5
6
9
10
11
12
Overvoltage
Protection
Overvoltage
Protection
+
–
(1) Short OUT to G02 and OUT+ to G02+
for output stage G = 0.2 option.
VIN+
VIN
VDD
VSS
INA851 Simplified Application
INA851
SBOS999 – MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - INA821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI-INA821 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results

Similar Description - INA821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01 Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV.D
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8475 AD-AD8475 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
logo
Texas Instruments
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
Analog Devices
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
Rev. E
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
Rev. D
logo
Texas Instruments
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com