Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
9.1.4 Differential Input Voltage Limitations
Although the INA851 is well protected against overvoltage transients on the inputs, make sure to take proper
design precautions if the device is implemented in an application where high differential voltages are expected.
These precautions apply even if the VIN+ and VIN– voltages do not exceed the device supply rails, and are
especially important if input stage gain GIN is greater than 3 V/V. As the gain increases, the size of gain resistor
RG decreases, and the same differential voltage across the inputs results in more current forced through the
input architecture. Therefore, limit the differential voltage according to Equation 3.
VDIFFmax= VIN+–VIN– =
VS+80V,GIN=1
VS,1<GIN≤3
VSGIN,3<GIN≤40andVSGIN>1V
1V,GIN>40orVSGIN≤1V
(3)
For example, if the supply voltage is ±18 V and the gain is 9 V/V, keep the magnitude of the input differential
voltage less than 4 V. If the supply voltage is ±8 V and the gain is 5 V/V, keep the input differential voltage less
than 3.2 V to make sure that the inputs are protected.
If differential input voltages greater than these limitations are expected, include external input resistors series
with each input to limit the input current to 10 mA or less. The value of these resistors may be calculated using
Equation 4.
RIN≥12 VDIFF–0.6V
10mA –RG
(4)
Low-leakage antiparallel diodes across the IN+ and IN– pins may also be an option in some cases.
INA851
SBOS999 – MARCH 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com