Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ACPZ-02-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM7151ACPZ-02-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ACPZ-02-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM7151ACPZ-02-R7 Datasheet HTML 1Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 2Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 3Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 4Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 5Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 6Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 7Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 8Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADM7151
Data Sheet
Rev. B | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VREG5 UNDERVOLTAGE THRESHOLDS
VREG Rise
VREGUVLORISE
TJ = −40°C to +125°C
3.1
V
VREG Fall
VREGUVLOFALL
TJ = −40°C to +125°C
2.55
V
Hysteresis
VREGUVLOHYS
210
mV
EN INPUT
4.5 V ≤ VIN ≤ 16 V
EN Input Logic High
ENHIGH
3.2
V
EN Input Logic Low
ENLOW
0.8
V
EN Input Logic Hysteresis
ENHYS
VIN = 5 V
225
mV
EN Input Leakage Current
IEN-LKG
VEN = VIN or GND
0.1
1.0
µA
1
Based on an end-point calculation using
1 mA and 800 mA loads. See Figure 6 and Figure 13 for typical load regulation performance for loads less than 1 mA.
2
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 5.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 5.0 V, or 4.5 V.
3
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to achieve the nominal output voltage. Dropout applies only for
output voltages above 4.5 V.
4
Start-up time is defined as the time between the rising edge of VEN to VOUT, VREG, or VREF being at 90% of its nominal value.
5
The output voltage is turned off until the VREG UVLO rise threshold is crossed. The VREG output is turned off until the input voltage UVLO rising threshold is crossed.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE
TA = −40°C to +125°C
Minimum Input1
CIN
7.0
µF
Minimum Regulator1
CREG
7.0
µF
Minimum Output1
COUT
7.0
µF
Minimum Bypass
CBYP
0.1
µF
Minimum Reference
CREF
0.7
µF
CAPACITOR EQUIVALENT SERIES RESISTANCE (ESR)
RESR
TA = −40°C to +125°C
CREG, COUT, CIN, CREF
0.001
0.2
Ω
CBYP
0.001
2.0
Ω
1
The minimum input, regulator, and output capacitance must be greater than 7.0 µF over the full range of operating conditions. The full range of operating conditions
in the application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are
recommended; however, Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com