Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ACPZ-02-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM7151ACPZ-02-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ACPZ-02-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM7151ACPZ-02-R7 Datasheet HTML 5Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 6Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 7Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 8Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 9Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 10Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 11Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 12Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADM7151
Rev. B | Page 9 of 24
VIN (V)
16
12
14
10
8
6
0
1
2
3
4
5
6
7
8
9
10
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 17. Ground Current vs. Input Voltage (VIN), ADM7151-04, VOUT = 5 V
1
10
100
1000
ILOAD (mA)
700
0
100
200
300
400
500
600
Figure 18. Dropout Voltage vs. Load Current (ILOAD), ADM7151-04, VOUT = 5 V
VIN (V)
6.0
5.8
5.6
5.4
5.2
5.0
4.8
4.6
4.0
5.2
5.0
4.8
4.6
4.4
4.2
VDROPOUT = 5mA
VDROPOUT = 10mA
VDROPOUT = 100mA
VDROPOUT = 200mA
VDROPOUT = 400mA
VDROPOUT = 800mA
Figure 19. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout,
ADM7151-04, VOUT = 5 V
VIN (V)
6.0
5.8
5.6
5.4
5.2
5.0
4.8
4.6
0
12
10
8
6
4
2
IGND = 5mA
IGND = 10mA
IGND = 100mA
IGND = 200mA
IGND = 400mA
IGND = 800mA
Figure 20. Ground Current vs. Input Voltage (VIN) in Dropout, ADM7151-04,
VOUT = 5 V
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
1
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
Figure 21. Power Supply Rejection Ratio (PSRR) vs. Frequency, ADM7151-02,
VOUT = 4 V
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
1
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
Figure 22. Power Supply Rejection Ratio (PSRR) vs. Frequency, ADM7151-04,
VOUT = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com