Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ACPZ-02-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM7151ACPZ-02-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ACPZ-02-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM7151ACPZ-02-R7 Datasheet HTML 13Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 14Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 15Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 16Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 17Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 18Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 19Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 20Page - Analog Devices ADM7151ACPZ-02-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADM7151
Rev. B | Page 17 of 24
BYP Capacitor
The BYP capacitor is necessary to filter the reference buffer. A
1 µF capacitor is typically connected between BYP and GND.
Capacitors as small as 0.1 µF can be used; however, the output
noise voltage of the LDO increases as a result.
In addition, the BYP capacitor can be increased to reduce the
noise below 1 kHz at the expense of increasing the start-up time
of the LDO. Very large values of CBYP significantly reduce the
noise below 10 Hz. Tantalum capacitors are recommended for
capacitors larger than about 33 µF. A 1 µF ceramic capacitor in
parallel with the larger tantalum capacitor is required to retain
good noise performance at higher frequencies.
FREQUENCY (Hz)
1M
0.1
1
10
100
1k
10k
100k
1
100k
100
1k
10k
10
CBYP = 1µF
CBYP = 4.7µF
CBYP = 10µF
CBYP = 22µF
CBYP = 47µF
CBYP = 100µF
CBYP = 470µF
CBYP = 1mF
Figure 52. Noise Spectral Density vs. Frequency, CBYP = 1 µF to 1 mF
CBYP (µF)
1000
1
10
100
1
10k
100
1k
10
1Hz
10Hz
100Hz
400Hz
3Hz
30Hz
300Hz
1kHz
Figure 53. Noise Spectral Density vs. CBYP for Different Frequencies
Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADM7151 as long as they meet the minimum capacitance
and maximum ESR requirements. Ceramic capacitors are
manufactured with a variety of dielectrics, each with different
behavior over temperature and applied voltage. Capacitors must
have a dielectric adequate to ensure the minimum capacitance
over the necessary temperature range and dc bias conditions.
X5R or X7R dielectrics with a voltage rating of 6.3 V to 50 V
are recommended. However, Y5V and Z5U dielectrics are not
recommended due to their poor temperature and dc bias
characteristics.
Figure 54 depicts the capacitance vs. dc bias voltage of a 1206,
10 µF, 10 V, X5R capacitor. The voltage stability of a capacitor is
strongly influenced by the capacitor size and voltage rating. In
general, a capacitor in a larger package or higher voltage rating
exhibits better stability. The temperature variation of the X5R
dielectric is ~±15% over the −40°C to +85°C temperature range
and is not a function of package or voltage rating.
DC BIAS VOLTAGE (V)
10
0
4
8
2
6
0
12
10
8
6
4
2
Figure 54. Capacitance vs. DC Bias Voltage
Use Equation 1 to determine the worst-case capacitance
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
CBIAS is 9.72 µF at 5 V, as shown in Figure 54.
Substituting these values in Equation 1 yields
CEFF = 9.72 µF × (1 − 0.15) × (1 − 0.1) = 7.44 µF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADM7151, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com