Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ACPZ-4.8-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM7150ACPZ-4.8-R2
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ACPZ-4.8-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM7150ACPZ-4.8-R2 Datasheet HTML 8Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 9Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 10Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 11Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 12Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 13Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 14Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 15Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADM7150
Data Sheet
CAPACITANCE (µF)
1000
1
10
100
–120
–110
–100
–90
–80
–70
–50
–60
–40
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
Figure 35. Power Supply Rejection Ratio (PSRR) vs. Capacitance (CBYP),
400 mA Load, 1.2 V Headroom, VOUT = 5 V
LOAD CURRENT (mA)
1000
10
100
0
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
2.0
10Hz TO 100kHz
Figure 36. RMS Output Noise vs. Load Current (ILOAD), 10 Hz to 100 kHz
LOAD CURRENT (mA)
1000
10
100
0
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
2.0
100Hz TO 100kHz
Figure 37. RMS Output Noise vs. Load Current (ILOAD), 100 Hz to 100 kHz
FREQUENCY (Hz)
10M
1k
100k
1M
10k
0.1
1
10
Figure 38. Output Noise Spectral Density,
1 kHz to 10 MHz, ILOAD = 10 mA
FREQUENCY (Hz)
100k
10k
0.1
1
10
100
1k
1
100k
10k
1k
100
10
Figure 39. Output Noise Spectral Density,
0.1 Hz to 100 kHz, ILOAD = 10 mA
FREQUENCY (Hz)
10M
1M
1k
10k
100k
0.1
1
1k
100
10
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 40. Output Noise Spectral Density at Different Load Currents,
1 kHz to 10 MHz
Rev. 0 | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com