Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ACPZ-4.8-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM7150ACPZ-4.8-R2
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ACPZ-4.8-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM7150ACPZ-4.8-R2 Datasheet HTML 13Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 14Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 15Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 16Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 17Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 18Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 19Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 20Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADM7150
Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADM7150 as long as they meet the minimum capacitance
and maximum ESR requirements. Ceramic capacitors are
manufactured with a variety of dielectrics, each with different
behavior over temperature and applied voltage. Capacitors must
have a dielectric adequate to ensure the minimum capacitance
over the necessary temperature range and dc bias conditions.
X5R or X7R dielectrics with a voltage rating of 6.3 V to 50 V
are recommended. However, Y5V and Z5U dielectrics are
not recommended due to their poor temperature and dc bias
characteristics.
Figure 56 depicts the capacitance vs. dc bias voltage of a 1206,
10 µF, 10 V, X5R capacitor. The voltage stability of a capacitor is
strongly influenced by the capacitor size and voltage rating. In
general, a capacitor in a larger package or higher voltage rating
exhibits better stability. The temperature variation of the X5R
dielectric is ~±15% over the −40°C to +85°C temperature range
and is not a function of package or voltage rating.
DC BIAS VOLTAGE (V)
10
0
4
8
2
6
0
12
10
8
6
4
2
Figure 56. Capacitance vs. DC Bias Voltage
Use Equation 1 to determine the worst-case capacitance
accounting for capacitor variation over temperature,
component tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and CBIAS is 9.72 µF at 5 V, as shown in Figure 56.
Substituting these values in Equation 1 yields
CEFF = 9.72 µF × (1 − 0.15) × (1 − 0.1) = 7.44 µF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADM7150, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
ENABLE (EN) AND UNDERVOLTAGE LOCKOUT
(UVLO)
The ADM7150 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 57,
when a rising voltage on EN crosses the upper threshold, VOUT
turns on. When a falling voltage on EN crosses the lower threshold,
VOUT turns off. The hysteresis varies as a function of the input
voltage. For example, the EN hysteresis is approximately 200 mV
with an input voltage of 4.5 V.
VEN (V)
1.6
1.5
1.0
1.2
1.4
1.1
1.3
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOUT_EN_RISE
VOUT_EN_FALL
Figure 57. Typical VOUT Response to EN Pin Operation, VOUT = 3.3 V, VIN = 5 V
VIN (V)
16
+125°C
+25°C
–40°C
14
12
10
8
6
1.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
Figure 58. Typical EN Rise Threshold vs. Input Voltage (VIN) for Various
Temperatures
Rev. 0 | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com