Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ACPZ-4.8-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM7150ACPZ-4.8-R2
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ACPZ-4.8-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM7150ACPZ-4.8-R2 Datasheet HTML 12Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 13Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 14Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 15Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 16Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 17Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 18Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 19Page - Analog Devices ADM7150ACPZ-4.8-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADM7150
Data Sheet
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADM7150 is designed for operation with ceramic capacitors
but functions with most commonly used capacitors as long as
care is taken with regard to the effective series resistance (ESR)
value. The ESR of the output capacitor affects the stability of the
LDO control loop. A minimum of 10 µF capacitance with an
ESR of 0.2 Ω or less is recommended to ensure the stability of the
ADM7150. Output capacitance also affects transient response to
changes in load current. Using a larger value of output capacitance
improves the transient response of the ADM7150 to large changes
in load current. Figure 53 shows the transient responses for an
output capacitance value of 10 µF.
CH1 500mA Ω BW CH2 10mV BW M4µs
A CH1
200mA
T 11.0%
1
2
T
Figure 53. Output Transient Response, VOUT = 5 V, COUT = 10 µF,
CH1 = Load Current, CH2 = VOUT
Input and VREG Capacitor
Connecting a 10 µF capacitor from VIN to GND reduces the
circuit sensitivity to PCB layout, especially when long input
traces or high source impedance are encountered.
To maintain the best possible stability and PSRR performance,
connect a 10 µF capacitor from VREG to GND. When more
than 10 µF of output capacitance is required, increase the input
and VREG capacitors to match it.
REF Capacitor
The REF capacitor is necessary to stabilize the reference amplifier.
Connect at least a 1 µF capacitor between REF and GND.
BYP Capacitor
The BYP capacitor is necessary to filter the reference buffer. A
1 µF capacitor is typically connected between BYP and GND.
Capacitors as small as 0.1 µF can be used; however, the output
noise voltage of the LDO increases as a result.
In addition, the BYP capacitor value can be increased to reduce
the noise below 1 kHz at the expense of increasing the start-up
time of the LDO. Very large values of CBYP significantly reduce
the noise below 10 Hz. Tantalum capacitors are recommended for
capacitors larger than approximately 33 µF. A 1 μF ceramic
capacitor in parallel with the larger tantalum capacitor is required
to retain good noise performance at higher frequencies. Solid
tantalum capacitors are less prone to microphonic noise issues.
FREQUENCY (Hz)
1M
0.1
1
10
100
1k
10k
100k
1
100k
100
1k
10k
10
CBYP = 1µF
CBYP = 4.7µF
CBYP = 10µF
CBYP = 22µF
CBYP = 47µF
CBYP = 100µF
CBYP = 470µF
CBYP = 1mF
Figure 54. Noise Spectral Density vs. Frequency, CBYP = 1 µF to 1 mF
CBYP (µF)
1000
1
10
100
1
10k
100
1k
10
1Hz
10Hz
100Hz
400Hz
3Hz
30Hz
300Hz
1kHz
Figure 55. Noise Spectral Density vs. Capacitance (CBYP) for
Different Frequencies
Rev. 0 | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com