Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ARDZ-04-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM7151ARDZ-04-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARDZ-04-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM7151ARDZ-04-R7 Datasheet HTML 2Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 3Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 4Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 5Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 6Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 7Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 8Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 9Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADM7151
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
3
BYP
4
GND
1
VREG
2
VOUT
6REF
5 REF_SENSE
8VIN
7EN
ADM7151
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD ON THE BOTTOM OF THE PACKAGE.
EXPOSED PAD ENHANCES THERMAL PERFORMANCE AND IS
ELECTRICALLY CONNECTED TO GND INSIDE THE PACKAGE.
CONNECT THE EXPOSED PAD TO THE GROUND PLANE ON
THE BOARD TO ENSURE PROPER OPERATION.
Figure 3. 8-Lead LFCSP Pin Configuration
ADM7151
TOP VIEW
(Not to Scale)
VREG 1
VOUT 2
BYP 3
GND 4
VIN
8
EN
7
REF
6
REF_SENSE
5
NOTES
1. EXPOSED PAD ON THE BOTTOM OF THE PACKAGE.
EXPOSED PAD ENHANCES THERMAL PERFORMANCE AND IS
ELECTRICALLY CONNECTED TO GND INSIDE THE PACKAGE.
CONNECT THE EXPOSED PAD TO THE GROUND PLANE ON
THE BOARD TO ENSURE PROPER OPERATION.
Figure 4. 8-Lead SOIC Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VREG
Regulated Input Supply to LDO Amplifier. Bypass VREG to GND with a 10 μF or greater capacitor. Do not connect a
load to ground.
2
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 10 μF or greater capacitor.
3
BYP
Low Noise Bypass Capacitor. Connect a 1 μF capacitor to GND to reduce noise. Do not connect a load to ground.
4
GND
Ground Connection.
5
REF_SENSE
External Resistor Divider Used to Set the Output Voltage. VOUT = VREF × (R1 + R2)/R2, where VREF = 1.5 V.
6
REF
Low Noise Reference Voltage Output. Bypass REF to GND with a 1 μF capacitor. Short REF_SENSE to REF for fixed
output voltages. Do not connect a load to ground.
7
EN
Enable. Drive EN high to turn on the regulator and drive EN low to turn off the regulator. For automatic startup,
connect EN to VIN.
8
VIN
Regulator Input Supply. Bypass VIN to GND with a 10 μF or greater capacitor.
EP
EP
Exposed Pad on the Bottom of the Package. Exposed pad enhances thermal performance and is electrically
connected to GND inside the package. Connect the exposed pad to the ground plane on the board to ensure
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com